Electronic Components Datasheet Search
  English  ▼

X  

SCD42 Datasheet(PDF) 2 Page - Sensirion AG Switzerland

Part # SCD42
Description  Breaking the size barrier in CO2 sensing
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SCD42 Datasheet(HTML) 2 Page - Sensirion AG Switzerland

  SCD42 Datasheet HTML 1Page - Sensirion AG Switzerland SCD42 Datasheet HTML 2Page - Sensirion AG Switzerland SCD42 Datasheet HTML 3Page - Sensirion AG Switzerland SCD42 Datasheet HTML 4Page - Sensirion AG Switzerland SCD42 Datasheet HTML 5Page - Sensirion AG Switzerland SCD42 Datasheet HTML 6Page - Sensirion AG Switzerland SCD42 Datasheet HTML 7Page - Sensirion AG Switzerland SCD42 Datasheet HTML 8Page - Sensirion AG Switzerland SCD42 Datasheet HTML 9Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
www.sensirion.com
Version 1 – March 2022
2/21
Table of Contents
1
Sensor Performance .........................................................................................................................................3
1.1
CO2 Sensing Performance ..........................................................................................................................3
1.2
Humidity Sensing Performance ...................................................................................................................3
1.3
Temperature Sensing Performance.............................................................................................................3
2
Specifications ....................................................................................................................................................4
2.1
Electrical Specifications...............................................................................................................................4
2.2
Absolute Maximum Ratings.........................................................................................................................4
2.3
Interface Specifications ...............................................................................................................................5
2.4
Timing Specifications...................................................................................................................................6
2.5
Material Contents ........................................................................................................................................6
3
Digital Interface Description.............................................................................................................................7
3.1
Power-Up and Communication Start ...........................................................................................................7
3.2
Data type & length.......................................................................................................................................7
3.3
Command Sequence Types........................................................................................................................7
3.4
SCD42 Command Overview .......................................................................................................................8
3.5
Basic Commands ........................................................................................................................................9
3.6
On-Chip Output Signal Compensation ......................................................................................................10
3.7
Field Calibration ........................................................................................................................................13
3.8
Advanced Features ...................................................................................................................................15
3.9
Checksum Calculation...............................................................................................................................17
4
Mechanical specifications ..............................................................................................................................18
4.1
Package Outline ........................................................................................................................................18
4.2
Land Pattern..............................................................................................................................................18
4.3
Tape & Reel Package................................................................................................................................19
4.4
Moisture Sensitivity Level..........................................................................................................................19
4.5
Soldering Instructions................................................................................................................................20
4.6
Traceability................................................................................................................................................20
5
Ordering Information.......................................................................................................................................20
6
Revision History ..............................................................................................................................................20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com