Electronic Components Datasheet Search
  English  ▼

X  

SCD42 Datasheet(PDF) 4 Page - Sensirion AG Switzerland

Part # SCD42
Description  Breaking the size barrier in CO2 sensing
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SCD42 Datasheet(HTML) 4 Page - Sensirion AG Switzerland

  SCD42 Datasheet HTML 1Page - Sensirion AG Switzerland SCD42 Datasheet HTML 2Page - Sensirion AG Switzerland SCD42 Datasheet HTML 3Page - Sensirion AG Switzerland SCD42 Datasheet HTML 4Page - Sensirion AG Switzerland SCD42 Datasheet HTML 5Page - Sensirion AG Switzerland SCD42 Datasheet HTML 6Page - Sensirion AG Switzerland SCD42 Datasheet HTML 7Page - Sensirion AG Switzerland SCD42 Datasheet HTML 8Page - Sensirion AG Switzerland SCD42 Datasheet HTML 9Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
www.sensirion.com
Version 1 – March 2022
4/21
2 Specifications
2.1 Electrical Specifications
Parameter
Symbol Conditions
Min.
Typical
Max.
Units
Supply voltage DC6
VDD
2.4
3.3
5.5
V
Voltage ripple peak to peak
VRPP
Frequency ≥ 1 kHz
30
mV
Supply voltage variation7
VVar
Frequency < 1 kHz
±5
mV
Peak supply current8
Ipeak
VDD = 3.3 V
175
205
mA
VDD = 5 V
115
137
mA
Average supply current for periodic
measurement
IDD
VDD = 3.3 V
15
18
mA
VDD = 5 V
11
13
mA
Input high level voltage
VIH
0.65 x VDD
VDD
-
Input low level voltage
VIL
0.3 x VDD
-
Output low level voltage
VOL
3 mA sink current
0.66
V
Table 4 SCD42 electrical specifications
2.2 Absolute Maximum Ratings
Stress levels beyond those listed in Table 5 may cause permanent damage to the device. Exposure to minimum/maximum
rating conditions for extended periods may affect sensor performance and reliability of the device.
Parameter
Conditions
Value
Temperature operating conditions
0 – 50°C
Humidity operating conditions9
Non-condensing
0 – 95 %RH
MSL Level10
1
DC supply voltage
- 0.3 V – 6.0 V
Max voltage on pins SDA, SCL, GND
– 0.3 V to VDD+0.3 V
Input current on pins SDA, SCL, GND
- 280 mA to 100 mA
Short term storage temperature11
- 40°C – 70°C
Recommended storage temperature
10 °C – 30 °C
ESD HBM
2 kV
ESD CDM
500 V
Maintenance Interval
Maintenance free when ASC field-
calibration algorithm12 is used.
None
Sensor lifetime13
Typical operating conditions
> 10 years
Table 5: SCD42 operation conditions, lifetime and maximum ratings
6
Do not change supply voltage during operation
7
Accuracy can be impaired by excess supply voltage variation caused by external load or temperature variations
8
Power supply should be designed with respect to peak current.
9
Accuracy can be reduced at relative humidity levels lower than 10 %.
10 Exceeding MSL 1 storage conditions (30 °C, 85 % RH max.) prior to sensor assembly can lead to degraded sensor performance or sensor failure in the reflow soldering
process.
11
Short term storage refers to temporary conditions during e.g. transport.
12
For proper function of ASC field-calibration algorithm the SCD42 has to be exposed to clean air with 400 ppm CO2 concentration regularly.
13
Sensor tested over simulated lifetime of > 10 years for indoor environment mission profile



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com