Electronic Components Datasheet Search
  English  ▼

X  

BD9E104FJ Datasheet(PDF) 4 Page - Rohm

Part # BD9E104FJ
Description  7.0 V to 26.0 V Input, 1 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9E104FJ Datasheet(HTML) 4 Page - Rohm

  BD9E104FJ Datasheet HTML 1Page - Rohm BD9E104FJ Datasheet HTML 2Page - Rohm BD9E104FJ Datasheet HTML 3Page - Rohm BD9E104FJ Datasheet HTML 4Page - Rohm BD9E104FJ Datasheet HTML 5Page - Rohm BD9E104FJ Datasheet HTML 6Page - Rohm BD9E104FJ Datasheet HTML 7Page - Rohm BD9E104FJ Datasheet HTML 8Page - Rohm BD9E104FJ Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
4/30
TSZ02201-0F3F0AJ00170-1-2
© 2017 ROHM Co., Ltd. All rights reserved.
11.Dec.2017 Rev.001
www.rohm.com
TSZ22111
• 15 • 001
BD9E104FJ
Description of Blocks
VREG3
Block creating internal reference voltage 3 V (Typ).
VREG
Block creating internal reference voltage 5 V (Typ).
BOOTREG
Block creating gate drive voltage.
TSD
The TSD block is for thermal protection. It shuts down the device when the internal temperature of IC rises to 175 °C
(Typ) or higher. Thermal protection circuit resets when the temperature falls. The circuit has a hysteresis of 25 °C (Typ).
UVLO
This is under voltage lockout block. It shuts down the device when the VIN pin voltage falls to 6.4V (Typ) or less. The
UVLO threshold voltage has a hysteresis of 200mV (Typ).
ERR
The ERR amplifier compares the reference voltage with the feedback voltage of the output voltage. The ERR amplifier
output voltage (the COMP pin voltage) determine the switching duty. Also, the COMP pin voltage is limited by internal
slope voltage due to soft start function during start-up.
OSC
Block generating oscillation frequency.
SLOPE
Creates delta wave from clock, generated by OSC, and sends voltage composed by current sense signal of High Side
MOSFET and delta wave to PWM comparator.
PWM
Settles the switching duty by comparing the output COMP pin voltage of ERR amplifier and signal of SLOPE block.
DRIVER LOGIC
This is DC/DC driver block. Input signal from PWM and drives MOSFET.
SOFT START
By controlling current, output voltage starts calmly preventing over shoot of output voltage and inrush current.
OCP
Current flowing in High Side MOSFET is controlled one cycle each of switching frequency when over current occurs.
SCP
When the FB pin voltage has fallen below 0.56 V (Typ) and remained there for 0.9ms (Typ), SCP stops the operation for
14.4 ms (Typ) and subsequently initiates a restart.
OVP
When the FB pin voltage exceeds 1.04 V (Typ), it turns MOSFET of output part MOSFET OFF. After output voltage
dropped, it returns to normal operation with hysteresis.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com