Electronic Components Datasheet Search
  English  ▼

X  

BD9E104FJ Datasheet(PDF) 8 Page - Rohm

Part # BD9E104FJ
Description  7.0 V to 26.0 V Input, 1 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9E104FJ Datasheet(HTML) 8 Page - Rohm

Back Button BD9E104FJ Datasheet HTML 4Page - Rohm BD9E104FJ Datasheet HTML 5Page - Rohm BD9E104FJ Datasheet HTML 6Page - Rohm BD9E104FJ Datasheet HTML 7Page - Rohm BD9E104FJ Datasheet HTML 8Page - Rohm BD9E104FJ Datasheet HTML 9Page - Rohm BD9E104FJ Datasheet HTML 10Page - Rohm BD9E104FJ Datasheet HTML 11Page - Rohm BD9E104FJ Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
8/30
TSZ02201-0F3F0AJ00170-1-2
© 2017 ROHM Co., Ltd. All rights reserved.
11.Dec.2017 Rev.001
www.rohm.com
TSZ22111
• 15 • 001
BD9E104FJ
50
100
150
200
250
300
350
400
450
-40
-20
0
20
40
60
80
Temperature[℃]
0
50
100
150
200
250
300
350
400
-40
-20
0
20
40
60
80
Temperature[℃]
Typical Performance Curves - continued
484
527
570
613
656
-40
-20
0
20
40
60
80
Temperature[℃]
Figure 8. Switching Frequency vs Temperature
Figure 9. Maximum Duty Ratio vs Temperature
Figure 10. High Side MOSFET ON-Resistance
vs Temperature
Figure 11. Low Side MOSFET ON-Resistance
vs Temperature
VIN=7 V
VIN=24 V
VIN=12 V
VIN=26 V
88
89
90
91
92
93
94
95
96
97
98
-40
-20
0
20
40
60
80
Temperature[℃]
VIN=7 V
VIN=24 V
VIN=12 V
VIN=26 V
VIN=26 V
VIN=24 V
VIN=12 V
VIN=7 V
VIN=7 V
VIN=24 V
VIN=12 V
VIN=26 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com