Electronic Components Datasheet Search
  English  ▼

X  

ST7293C3M1 Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST7293C3M1
Description  8-BIT MCU WITH 6K ROM, EEPROM AND 16-BIT TIMER WITH INPUT CAPTURE AND DUAL OUTPUT COMPARE
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7293C3M1 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST7293C3M1 Datasheet HTML 4Page - STMicroelectronics ST7293C3M1 Datasheet HTML 5Page - STMicroelectronics ST7293C3M1 Datasheet HTML 6Page - STMicroelectronics ST7293C3M1 Datasheet HTML 7Page - STMicroelectronics ST7293C3M1 Datasheet HTML 8Page - STMicroelectronics ST7293C3M1 Datasheet HTML 9Page - STMicroelectronics ST7293C3M1 Datasheet HTML 10Page - STMicroelectronics ST7293C3M1 Datasheet HTML 11Page - STMicroelectronics ST7293C3M1 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 69 page
background image
8/69
ST7294
Figure 4. Organisation of Internal CPU Registers
VR0B1767
ACCUMULATOR:
70
RESET VALUES:
XXX
XX
XXX
X
X
X
X
X
X
X
X
RESET VALUES:
0
7
X INDEX REGISTER:
Y INDEX REGISTER:
70
RESET VALUES:
XXX
XX
XXX
RESET VALUES:
0
7
PROGRAM COUNTER:
15
000
RESET VECTOR (1FFEh:1FFFh)
0
0
0
15
STACK POINTER:
70
RESET VALUES:
0
0
000
0
0
0
0
0
000
111
11
111
0
1
0
1
1
1
1
0
7
CONDITION CODE REGISTER:
RESET VALUES:
111
H
I
N
Z
C
X = Undefined
65
4
3
2
1
1
1
2 CENTRAL PROCESSING UNIT
2.1 INTRODUCTION
The CPU has a full 8-bit architecture. Six internal
registers allow efficient 8-bit data manipulations.
The CPU is able to execute 74 basic instructions.
It features 17 main addressing modes and can ad-
dress 6 internal registers. It is able to address
6671 bytes of memory and registers with its pro-
gram counter.
2.2 CPU REGISTERS
The 6 CPU registers are shown in the program-
ming model in Figure 4. Following an interrupt, the
registers are pushed onto the stack in the order
shown in Figure 5. They are popped from stack in
the reverse order. The Y register is not affected by
these automatic procedures. The interrupt routine
must therefore handle it, if needed, through the
POP and PUSH instructions.
Accumulator (A). The accumulator is an 8-bit
general purpose register used to hold operands
and the results of the arithmetic and logic calcula-
tions as well as data manipulations.
Index Registers (X and Y). These 8-bit registers
are used to create effective addresses or as tem-
porary storage area for data manipulations. The
cross-assembler generates a PRECEDE instruc-
tion (PRE) to indicate that the following instruction
refers to the Y register. The Y register is never au-
tomatically stacked. Interrupt routines must push
or pop it by using the POP and PUSH instructions.
Program Counter (PC). The program counter is a
16-bit register containing the address of the next
instruction to be executed by the CPU. In the
ST7294, only the 13 low order bits are used, bits
13, 14 and 15 are forced to ”0”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com