Electronic Components Datasheet Search
  English  ▼

X  

ST7293C3M1 Datasheet(PDF) 10 Page - STMicroelectronics

Part # ST7293C3M1
Description  8-BIT MCU WITH 6K ROM, EEPROM AND 16-BIT TIMER WITH INPUT CAPTURE AND DUAL OUTPUT COMPARE
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7293C3M1 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST7293C3M1 Datasheet HTML 6Page - STMicroelectronics ST7293C3M1 Datasheet HTML 7Page - STMicroelectronics ST7293C3M1 Datasheet HTML 8Page - STMicroelectronics ST7293C3M1 Datasheet HTML 9Page - STMicroelectronics ST7293C3M1 Datasheet HTML 10Page - STMicroelectronics ST7293C3M1 Datasheet HTML 11Page - STMicroelectronics ST7293C3M1 Datasheet HTML 12Page - STMicroelectronics ST7293C3M1 Datasheet HTML 13Page - STMicroelectronics ST7293C3M1 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 69 page
background image
ST7294
10/69
3 CLOCKS, RESET, INTERRUPTS & POWER SAVING MODES
3.1 CLOCK SYSTEM
3.1.1 General Description
The MCU accepts either a Crystal/Ceramic reso-
nator or an external clock to provide the internal
oscillator. The internal clock (CPU Clock) is de-
rived by a divide-by-2 from the external oscillator
frequency (f
OSC).
The slow mode function allows under software
control to further slow down the internal clock,
thus reducing power consumption. This feature is
particular useful in WAIT mode.
The slow mode is entered by setting the SM bit in
the Miscellaneous Register (0Ch). This mode af-
fects all functions, including timer and EEPROM.
The slow mode is exited by clearing SM or by en-
tering the HALT mode.
3.1.2 Crystal
The internal oscillator is designed to interface with
an AT-cut parallel resonant quartz crystal resona-
tor in the frequency range specified for fosc. The
circuit shown on Figure 8 is recommended when
using a crystal. The table lists the recommended
capacitance and feedback resistance values.
Figure 6. External Clock Source Connections
.
OSCin
OSCout
NC
EXTERNAL
CLOCK
VR02047A
Use of an external CMOS oscillator is recom-
mended when crystals outside the specified rang-
es are to be used.
The crystal and components should be mounted
as close as possible to the input pins to minimize
output distortion and start-up stabilization time.
Figure 7. Equivalent Crystal Circuit
Figure 8. Crystal/Ceramic Resonator
C1
C0
1
L
R
S
OSCin
OSCout
VR02047B
VR02047C
C
OSCin
OSCin
OSCout
C
OSCout
R
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com