Electronic Components Datasheet Search
  English  ▼

X  

STB85NF55T4 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STB85NF55T4
Description  Automotive-grade N-channel 55 V, 6.2 mΩ typ., 80 A, STripFET™ II Power MOSFETs in D²PAK and TO-220 packages
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB85NF55T4 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STB85NF55T4 Datasheet HTML 2Page - STMicroelectronics STB85NF55T4 Datasheet HTML 3Page - STMicroelectronics STB85NF55T4 Datasheet HTML 4Page - STMicroelectronics STB85NF55T4 Datasheet HTML 5Page - STMicroelectronics STB85NF55T4 Datasheet HTML 6Page - STMicroelectronics STB85NF55T4 Datasheet HTML 7Page - STMicroelectronics STB85NF55T4 Datasheet HTML 8Page - STMicroelectronics STB85NF55T4 Datasheet HTML 9Page - STMicroelectronics STB85NF55T4 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Figure 7. Gate charge vs gate-source voltage
VGS
4
0
0
30
Qg(nC)
(V)
120
8
60
90
12
16
GC93660
Figure 8. Capacitance variations
C
6000
4000
2000
0
20
VDS(V)
(pF)
10
8000
30
40
GC93670
Figure 9. Normalized gate threshold voltage vs
temperature
VGS(th)
1.0
0.8
0.6
0.4
-50
0
TJ(°C)
(norm)
1.2
50
100
GC93680
Figure 10. Normalized on-resistance vs temperature
RDS(on)
1.4
1.0
0.6
0.2
-50
0
TJ(°C)
(norm)
50
100
1.8
GC93690
Figure 11. Source-drain diode forward characteristics
VSD
0
40
ISD(A)
(V)
20
60
80
0.3
0.6
0.9
1.2
GC93700
Figure 12. Normalized V(BR)DSS vs temperature
V(BR)DSS
-50
0
TJ(°C)
(norm)
50
100
0.90
0.95
1.00
1.05
1.10
GC93710
STB85NF55T4, STP85NF55
Electrical characteristics (curves)
DS2569 - Rev 12
page 6/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com