Electronic Components Datasheet Search
  English  ▼

X  

STB85NF55T4 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STB85NF55T4
Description  Automotive-grade N-channel 55 V, 6.2 mΩ typ., 80 A, STripFET™ II Power MOSFETs in D²PAK and TO-220 packages
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB85NF55T4 Datasheet(HTML) 1 Page - STMicroelectronics

  STB85NF55T4 Datasheet HTML 1Page - STMicroelectronics STB85NF55T4 Datasheet HTML 2Page - STMicroelectronics STB85NF55T4 Datasheet HTML 3Page - STMicroelectronics STB85NF55T4 Datasheet HTML 4Page - STMicroelectronics STB85NF55T4 Datasheet HTML 5Page - STMicroelectronics STB85NF55T4 Datasheet HTML 6Page - STMicroelectronics STB85NF55T4 Datasheet HTML 7Page - STMicroelectronics STB85NF55T4 Datasheet HTML 8Page - STMicroelectronics STB85NF55T4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1
2
3
TAB
TO-220
1
3
TAB
D PAK
2
AM01475v1_noZen
D(2, TAB)
G(1)
S(3)
Features
Type
VDS
RDS(on) max.
ID
STB85NF55T4
55 V
8.0 mΩ
80 A
STP85NF55
•
AEC-Q101 qualified
•
Exceptional dv/dt capability
•
100% avalanche tested
•
Low gate charge
Applications
•
Switching applications
Description
These Power MOSFETs have been developed using STMicroelectronics’ unique
STripFET process, which is specifically designed to minimize input capacitance and
gate charge. This renders the devices suitable for use as primary switch in advanced
high-efficiency isolated DC-DC converters for telecom and computer applications,
and applications with low gate charge driving requirements.
Product status link
STB85NF55T4
STP85NF55
Product summary
Order code
STB85NF55T4
Marking
B85NF55
Package
D²PAK
Packing
Tape and reel
Order code
STP85NF55
Marking
P85NF55
Package
TO-220
Packing
Tube
Automotive-grade N-channel 55 V, 6.2 mΩ typ., 80 A, STripFET™ II
Power MOSFETs in D²PAK and TO-220 packages
STB85NF55T4, STP85NF55
Datasheet
DS2569 - Rev 12 - January 2019
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STB85NF55T4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB85NF55 STMICROELECTRONICS-STB85NF55 Datasheet
376Kb / 10P
N-CHANNEL 55V - 0.0062 ohm - 80A D2PAK/TO-220 STripFET™ II POWER MOSFET
Jan-2003
STB85NF55 STMICROELECTRONICS-STB85NF55 Datasheet
951Kb / 15P
N-channel 55 V, 0.0062 Ω, 80 A, TO-220, D2PAK, I2PAK STripFET??II Power MOSFET
01-Oct-2009
logo
Inchange Semiconductor ...
STB85NF55 ISC-STB85NF55 Datasheet
344Kb / 2P
isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STB85NF55L STMICROELECTRONICS-STB85NF55L Datasheet
370Kb / 10P
N-CHANNEL 55V - 0.0060 ohm - 80A D2PAK/TO-220 STripFET™ II POWER MOSFET
Sep-2002
STB85NF55L STMICROELECTRONICS-STB85NF55L Datasheet
937Kb / 14P
N-channel 55 V, 0.0060 Ω, 80 A, TO-220, D2PAK STripFET™II Power MOSFET
06-Aug-2009
More results

Similar Description - STB85NF55T4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB80NF55-08AG STMICROELECTRONICS-STB80NF55-08AG Datasheet
1,008Kb / 18P
Automotive-grade N-channel 55 V, 6.5 m typ.,80 A STripFET™ Power MOSFETs in D²PAK and TO-220 packages
September 2016 Rev 1
STD100N10LF7AG STMICROELECTRONICS-STD100N10LF7AG Datasheet
659Kb / 17P
Automotive-grade N-channel 100 V, 5 mΩ typ., 80 A STripFET™ F7 Power MOSFET in a DPAK package
06-Jun-2016
STB25NF06AG STMICROELECTRONICS-STB25NF06AG Datasheet
817Kb / 15P
Automotive-grade N-channel 60 V, 0.056 Ω typ., 19 A STripFET™ II Power MOSFET in a D²PAK package
12-May-2016
STB25NF06LAG STMICROELECTRONICS-STB25NF06LAG Datasheet
859Kb / 15P
Automotive-grade N-channel 60 V, 53 mΩ typ., 20 A STripFET™ II Power MOSFET in a D²PAK package
24-Nov-2016
STB78NF55-08 STMICROELECTRONICS-STB78NF55-08 Datasheet
819Kb / 19P
N-channel 55 V, 0.0065 Ω typ., 78 A STripFET™ II Power MOSFETs in D²PAK and TO-220 packages
19-Jul-2016
STB100N10F7 STMICROELECTRONICS-STB100N10F7_V01 Datasheet
652Kb / 28P
N-channel 100 V, 6.8 mΩ typ., 80 A STripFET™ F7 Power MOSFETs in D2PAK, DPAK, TO-220FP, I2PAK and TO-220 packages
18-Jun-2018
STH260N4LF7-2 STMICROELECTRONICS-STH260N4LF7-2 Datasheet
598Kb / 17P
N-channel 40 V, 1.2 mΩ typ., 180 A, STripFET™ F7 Power MOSFETs in H2PAK-2 and H2PAK-6 packages
24-Nov-2015
STI175N4F6AG STMICROELECTRONICS-STI175N4F6AG Datasheet
654Kb / 12P
Automotive-grade N-channel 40 V, 2.1 mΩ typ., 120 A STripFET™ F6 Power MOSFET in an I²PAK package
26-Jan-2016
STD3NK60ZT4 STMICROELECTRONICS-STD3NK60ZT4 Datasheet
936Kb / 34P
N-channel 600 V, 3.2 Ω typ., 2.4 A SuperMESH™ Power MOSFETs in D²PAK, IPAK, DPAK, TO-220 and TO-220FP packages
20-Aug-2018
STB55NF06 STMICROELECTRONICS-STB55NF06_V01 Datasheet
797Kb / 19P
N-channel 60 V, 0.015 Ω, 50 A STripFET™ II Power MOSFET in D²PAK, TO-220 and TO-220FP packages
25-May-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com