Electronic Components Datasheet Search
  English  ▼

X  

ST19WG18 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST19WG18
Description  Smartcard MCU With 18, 34, 66 Kbytes High Density EEPROM
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST19WG18 Datasheet(HTML) 1 Page - STMicroelectronics

  ST19WG18 Datasheet HTML 1Page - STMicroelectronics ST19WG18 Datasheet HTML 2Page - STMicroelectronics ST19WG18 Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1/3
DATA BRIEF
April 2004
For further information contact your local ST sales office.
ST19WG18
ST19WG34, ST19WG66
Smartcard MCU
With 18, 34, 66 Kbytes High Density EEPROM
3
PRODUCT FEATURES
I
ENHANCED 8 BIT CPU WITH EXTENDED
ADDRESSING MODES
I
224 KBYTES USER ROM WITH
PARTITIONING
I
6 KBYTES USER RAM WITH
PARTITIONING
I
18 (ST19WG18), 34 (ST19WG34), 66
(ST19WG66) KBYTES USER EEPROM
WITH PARTITIONING including 128 BYTES
USER and ST OTP AREA:
–
Highly reliable CMOS EEPROM
submicron technology
–
Error Correction Code for single bit fail
correction within a byte
–
10 year data retention
–
500,000 Erase/Write cycles endurance
–
1 to 64 bytes Erase or Program in 2 ms
I
SECURITY FIREWALLS FOR MEMORIES,
and DES ACCELERATOR.
I
VERY HIGH SECURITY FEATURES
INCLUDING EEPROM FLASH
PROGRAMMING AND CLOCK
MANAGEMENT.
I
3x8 BIT TIMERS WITH INTERRUPT
CAPABILITY
I
HARDWARE DES ACCELERATOR WITH
LIBRARY SUPPORT FOR SYMMETRICAL
ALGORITHMS:
–
DES, triple DES, DESX computations and
CBC chaining mode...
I
ISO 3309 CRC CALCULATION BLOCK
I
FIPS 140-2 COMPLIANT RANDOM
NUMBER GENERATOR WITH TWO GUN
REGISTERS (Generators of Unpredictable
Number)
I
1.62 V TO 5.5 V SUPPLY VOLTAGE
I
EXTERNAL CLOCK FREQUENCY UP TO
8MHz
I
HIGH PERFORMANCE PROVIDED USING
INTERNAL CLOCK FREQUENCY
I
UNIQUE SERIAL NUMBER ON EACH DIE
I
POWER SAVING STANDBY MODE
I
CONTACT ASSIGNMENT COMPATIBLE
ISO 7816-2
I
SERIAL ACCESS I/O, ISO 7816-3
COMPATIBLE
I
ESD PROTECTION GREATER THAN 5000 V
Figure 1. Delivery Form
Function
Speed(1)
1.
Typical values, independent from external clock frequency
and supply voltage.
Triple DES (with keys loaded)
24 µs
Single DES (with keys loaded)
15 µs
259a.ai
Micromodule
Wafer


Similar Part No. - ST19WG18

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST19WI18 STMICROELECTRONICS-ST19WI18 Datasheet
54Kb / 3P
SMASmartcard MCU With Modular Arithmetic Processor, I2C & 18 Kbytes High Density EEPROM
Apr-2004
ST19WK08 STMICROELECTRONICS-ST19WK08 Datasheet
58Kb / 3P
Smartcard MCU With Modular Arithmetic Processor & 8 Kbytes EEPROM
Apr-2004
ST19WK08-A STMICROELECTRONICS-ST19WK08-A Datasheet
45Kb / 3P
Smartcard MCU With Modular Arithmetic Processor ISO Asynchronous Receiver Transmitter & 8 Kbytes EEPROM
Sep-2004
ST19WL18 STMICROELECTRONICS-ST19WL18 Datasheet
45Kb / 3P
Smartcard MCU With Modular Arithmetic Processor & 18 Kbytes High Density EEPROM
Apr-2004
ST19WL34 STMICROELECTRONICS-ST19WL34 Datasheet
46Kb / 3P
Smartcard MCU with Modular Arithmetic Processor & 34 or 66 Kbytes High Density EEROM
Apr-2003
More results

Similar Description - ST19WG18

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST19GF34 STMICROELECTRONICS-ST19GF34 Datasheet
26Kb / 2P
Smartcard MCU With 34 KBytes EEPROM
Oct-1999
ST19NM34 STMICROELECTRONICS-ST19NM34 Datasheet
44Kb / 3P
Smartcard MCU With 34 Kbytes High Density EEPROM
Dec-2004
ST19WL34 STMICROELECTRONICS-ST19WL34 Datasheet
46Kb / 3P
Smartcard MCU with Modular Arithmetic Processor & 34 or 66 Kbytes High Density EEROM
Apr-2003
ST19XL34V2 STMICROELECTRONICS-ST19XL34V2 Datasheet
157Kb / 4P
Smartcard MCU With Modular Arithmetic Processor & 34 Kbytes High Density EEPROM
Sep-2002
ST19XT34 STMICROELECTRONICS-ST19XT34 Datasheet
40Kb / 3P
Smartcard MCU with MAP, USB/ISO Interface & 34 Kbytes High Density EEPROM
Sep-2003
ST19NR66 STMICROELECTRONICS-ST19NR66 Datasheet
507Kb / 5P
Dual Contactless Smartcard MCU with 66 KBytes High Density EEPROM
17-Jan-2006
ST21Y036 STMICROELECTRONICS-ST21Y036 Datasheet
77Kb / 4P
Smartcard MCU with 36 Kbytes high density EEPROM
06-Nov-2007
ST19WL18 STMICROELECTRONICS-ST19WL18 Datasheet
45Kb / 3P
Smartcard MCU With Modular Arithmetic Processor & 18 Kbytes High Density EEPROM
Apr-2004
ST21Y068 STMICROELECTRONICS-ST21Y068 Datasheet
89Kb / 4P
Smartcard MCU with 68 KBytes High Density EEPROM
20-Mar-2007
ST21Y144 STMICROELECTRONICS-ST21Y144 Datasheet
89Kb / 4P
Smartcard MCU with 144 Kbytes High Density EEPROM
20-Mar-2007
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com