Electronic Components Datasheet Search
  English  ▼

X  

ST19WG18 Datasheet(PDF) 2 Page - STMicroelectronics

Part # ST19WG18
Description  Smartcard MCU With 18, 34, 66 Kbytes High Density EEPROM
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST19WG18 Datasheet(HTML) 2 Page - STMicroelectronics

  ST19WG18 Datasheet HTML 1Page - STMicroelectronics ST19WG18 Datasheet HTML 2Page - STMicroelectronics ST19WG18 Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ST19WG18, ST19WG34, ST19WG66
2/3
HARDWARE DESCRIPTION
The product, member of the ST19W platform, is a
serial access microcontroller specially designed
for cost effective secure portable applications.
It is manufactured using an advanced highly reli-
able ST CMOS EEPROM technology.
It is based on the STMicroelectronics 8 bit CPU al-
ready implemented on the ST19X product family
and includes on-chip memories: User ROM, User
RAM and EEPROM with state of the art security
features. ROM, RAM and EEPROM memories can
be configured into partitions with customized ac-
cess rules.
An additional ST ROM contains all ST provided
functions and libraries.
Access from any memory area to another are pro-
tected by hardware FIREWALLS. Access rules are
User defined and can be selected by mask options
or during the life of the product.
The chip includes a DES accelerator which is ac-
cessible via cryptographic software libraries locat-
ed in ST ROM.
As with all the other ST19W products, a serial in-
terface fully compatible with the ISO7816 standard
for Smartcard applications is available.
A CRC calculation block is also available and is di-
rectly accessible by the User.
Figure 2. Block Diagram
SOFTWARE DEVELOPMENT
Software development and firmware generation
(ROM and options) are supported by a compre-
hensive set of development tools, dedicated at de-
velopment and validation of softwares:
–
Smartcard ICs Emulator,
–
ST19X simulation package,
–
ScDevTools pack environment for all
WindowsTM based stations,
–
Powerful C/C++ compiler and debugger are
also available (third party tools).
INTERNAL BUS
I/O
1 SERIAL
INTER-
FACE
GND
8 BIT
CPU
3 X
8 BIT
TIMERS
CRC
MODULE
CLK
CLOCK
GENE-
RATOR
MODULE
Vcc
GUN A
&
GUN B
RAM
USER ROM
ST ROM and
DES LIBRARY
399
SECU-
RITY
ADMIN.
RESET
EEPROM
ST ROM and
DES FIREWALL
MEMORY ACCESS FIREWALL
DES
ACCELE-
RATOR



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com