Electronic Components Datasheet Search
  English  ▼

X  

INA851 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # INA851
Description  INA851 Precision, Low-Noise, Fully Differential Output Instrumentation Amplifier With Attenuating Gain and Output Clamping
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA851 Datasheet(HTML) 32 Page - Texas Instruments

Back Button INA851 Datasheet HTML 28Page - Texas Instruments INA851 Datasheet HTML 29Page - Texas Instruments INA851 Datasheet HTML 30Page - Texas Instruments INA851 Datasheet HTML 31Page - Texas Instruments INA851 Datasheet HTML 32Page - Texas Instruments INA851 Datasheet HTML 33Page - Texas Instruments INA851 Datasheet HTML 34Page - Texas Instruments INA851 Datasheet HTML 35Page - Texas Instruments INA851 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 52 page
background image
9.1.4 Thermal Effects due to Power Dissipation
The INA851 dissipates approximately 180 mW of power under quiescent conditions at a ±15-V supply voltage.
The internal resistor network and output load drive causes an additional power dissipation that depends on
the input signal. The small silicon area of the INA851 causes the internal circuitry to experience temperature
gradients that can adversely affect the electrical performance.
Precision parameters, such as offset voltage, linearity, common-mode rejection ratio, and total harmonic
distortion, can be impacted as a result of these thermal effects in the silicon. The thermal gradient particularly
affects the performance of low-frequency input signals with higher gains (> 10) and large output voltage
variation. Figure 9-2 shows that the thermal effect can be minimized by lowering the supply voltage, if the
application permits.
To properly dissipate heat from the INA851, connect the thermal pad with sufficient thermal vias to a large
copper plane that is connected to the negative supply, VS–. A thorough PCB layout is of key importance (see
also Section 9.4).
Output Voltage (V)
-8
-6
-4
-2
0
2
4
6
8
-300
-250
-200
-150
-100
-50
0
50
100
150
200
250
300
350
400
450
500
VS =
6
VS =
12
VS =
15
VS =
18
Figure 9-2. Linearity vs Supply Voltage for G = 1000
INA851
SBOS999A – MARCH 2022 – REVISED OCTOBER 2022
www.ti.com
32
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: INA851



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com