Electronic Components Datasheet Search
  English  ▼

X  

INA851 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # INA851
Description  INA851 Precision, Low-Noise, Fully Differential Output Instrumentation Amplifier With Attenuating Gain and Output Clamping
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA851 Datasheet(HTML) 19 Page - Texas Instruments

Back Button INA851 Datasheet HTML 15Page - Texas Instruments INA851 Datasheet HTML 16Page - Texas Instruments INA851 Datasheet HTML 17Page - Texas Instruments INA851 Datasheet HTML 18Page - Texas Instruments INA851 Datasheet HTML 19Page - Texas Instruments INA851 Datasheet HTML 20Page - Texas Instruments INA851 Datasheet HTML 21Page - Texas Instruments INA851 Datasheet HTML 22Page - Texas Instruments INA851 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 52 page
background image
7.6 Typical Characteristics (continued)
at TA = 25°C, VS = ±15 V, VICM = VOCM = midsupply, VCLAMP+ = VS+, VCLAMP– = VS–, G = GIN = GOUT = 1 V/V, and RL = 10 kΩ
(unless otherwise noted)
Frequency (Hz)
0.001
0.01
0.1
1
-40
10
100
1k
10k
100k
0.001
0.01
0.1
1
-60
-80
-100
D040
D040
D040
D040
G = 1
G = 10
G = 100
500-kHz measurement bandwidth
1-VRMS output voltage
100-kΩ load
Figure 7-43. THD+N vs Frequency
Capacitive Load (pF)
50
75
100
125
150
175
200
0
10
20
30
40
No stable operation
Riso = 0
Riso = 25
Riso = 50
Figure 7-44. Overshoot vs Capacitive Loads
Time ( s)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
-100
-50
0
50
100
150
200
CL = 40 pF
CL = 76 pF
CL = 100 pF
CL = 130 pF
CL = 150 pF
G = 1
RL = 10 kΩ
Figure 7-45. Small-Signal Response with different Output
Capacitors G = 1 V/V
Time ( s)
-1
0
1
2
3
4
5
6
-100
-80
-60
-40
-20
0
20
40
60
80
100
G = 0.2 V/V
RL = 10 kΩ
CL = 100 pF
Figure 7-46. Small-Signal Response for G = 0.2 V/V
Time ( s)
-1
0
1
2
3
4
5
6
-90
-60
-30
0
30
60
90
G = 1 V/V
RL = 10 kΩ
CL = 100 pF
Figure 7-47. Small-Signal Response for G = 1 V/V
G = 10 V/V
RL = 10 kΩ
CL = 100 pF
Figure 7-48. Small-Signal Response for G = 10 V/V
www.ti.com
INA851
SBOS999A – MARCH 2022 – REVISED OCTOBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: INA851



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com