Electronic Components Datasheet Search
  English  ▼

X  

INA818 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # INA818
Description  INA851 Precision, Low-Noise, Fully Differential Output Instrumentation Amplifier With Attenuating Gain and Output Clamping
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA818 Datasheet(HTML) 39 Page - Texas Instruments

Back Button INA818 Datasheet HTML 35Page - Texas Instruments INA818 Datasheet HTML 36Page - Texas Instruments INA818 Datasheet HTML 37Page - Texas Instruments INA818 Datasheet HTML 38Page - Texas Instruments INA818 Datasheet HTML 39Page - Texas Instruments INA818 Datasheet HTML 40Page - Texas Instruments INA818 Datasheet HTML 41Page - Texas Instruments INA818 Datasheet HTML 42Page - Texas Instruments INA818 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 52 page
background image
Table 9-5. INA851 + ADS127L11 (Wideband Filter) FFT Data Summary
INPUT
AMPLITUDE
(Vpk)
RG RESISTOR
(Ω)
GIN (V/V)
GOUT (V/V)
SNR (dB)
THD (dB)
ENOB (Bits)
23.76015
None
1
0.2
105.3
–116.2
17.14
4.7476
None
1
1
103.1
–120.0
16.81
2.3738
1500
5
0.2
104.2
–113.0
16.85
0.2360
316
20
1
99.0
–112.0
16.08
0.0472
60.4
100
1
89.3
–99.0
14.40
G = 0.2 V/V, fIN = 1 kHz, SNR = 105.29 dB, THD = –116.21 dB
Figure 9-12. Noise Performance FFT Plots with
Wideband Filter for G = 0.2 V/V
G = 1 V/V, fIN = 1 kHz, SNR = 103.07 dB, THD = –120.01 dB
Figure 9-13. Noise Performance FFT Plots with
Wideband Filter for G = 1 V/V
www.ti.com
INA851
SBOS999A – MARCH 2022 – REVISED OCTOBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: INA851



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com