Electronic Components Datasheet Search
  English  ▼

X  

INA818 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # INA818
Description  INA851 Precision, Low-Noise, Fully Differential Output Instrumentation Amplifier With Attenuating Gain and Output Clamping
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA818 Datasheet(HTML) 20 Page - Texas Instruments

Back Button INA818 Datasheet HTML 16Page - Texas Instruments INA818 Datasheet HTML 17Page - Texas Instruments INA818 Datasheet HTML 18Page - Texas Instruments INA818 Datasheet HTML 19Page - Texas Instruments INA818 Datasheet HTML 20Page - Texas Instruments INA818 Datasheet HTML 21Page - Texas Instruments INA818 Datasheet HTML 22Page - Texas Instruments INA818 Datasheet HTML 23Page - Texas Instruments INA818 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 52 page
background image
7.6 Typical Characteristics (continued)
at TA = 25°C, VS = ±15 V, VICM = VOCM = midsupply, VCLAMP+ = VS+, VCLAMP– = VS–, G = GIN = GOUT = 1 V/V, and RL = 10 kΩ
(unless otherwise noted)
Time ( s)
-2
-1
0
1
2
3
4
5
6
7
-60
-40
-20
0
20
40
60
G = 1000 V/V
RL = 10 kΩ
CL = 100 pF
Figure 7-49. Small-Signal Response for G = 1000 V/V
Time (us)
2
3
4
5
6
7
8
9
10
-75
-50
-25
0
25
50
75
100
VOCM Input
Output
Figure 7-50. Small-Signal Response of VOCM Amplifier
Time ( s)
-4
-3
-2
-1
0
1
2
3
4
5
6
-7.5
-5
-2.5
0
2.5
5
7.5
Figure 7-51. Large Signal Step Response
Frequency (Hz)
0.0001
0.001
0.01
0.1
1
10
100
1k
100
10
1
10k
100k
1M
10M
Figure 7-52. Closed-Loop Output Impedance
Time (1 µs/div)
0.01%
0.001%
G = 0.2 V/V
Figure 7-53. Settling Time for G = 0.2 V/V
Time (100 µs/div)
0.001%
0.01%
G = 1 V/V
Figure 7-54. Settling Time for G = 1 V/V
INA851
SBOS999A – MARCH 2022 – REVISED OCTOBER 2022
www.ti.com
20
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: INA851



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com