Electronic Components Datasheet Search
  English  ▼

X  

TMUX7412F Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX7412F
Description  TMUX741xF ±60 V Fault-Protected, 1:1 (SPST), 4-Channel Switches With Latch-Up Immunity and 1.8-V Logic
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7412F Datasheet(HTML) 3 Page - Texas Instruments

  TMUX7412F Datasheet HTML 1Page - Texas Instruments TMUX7412F Datasheet HTML 2Page - Texas Instruments TMUX7412F Datasheet HTML 3Page - Texas Instruments TMUX7412F Datasheet HTML 4Page - Texas Instruments TMUX7412F Datasheet HTML 5Page - Texas Instruments TMUX7412F Datasheet HTML 6Page - Texas Instruments TMUX7412F Datasheet HTML 7Page - Texas Instruments TMUX7412F Datasheet HTML 8Page - Texas Instruments TMUX7412F Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
5 Device Comparison Table
PRODUCT
DESCRIPTION
TMUX7411F
±60 V fault-protected, latch-up immune, quad SPST switch (logic low)
TMUX7412F
±60 V fault-protected, latch-up immune, quad SPST switch (logic high)
TMUX7413F
±60 V fault-protected, latch-up immune, quad SPST switch (logic low + logic high)
6 Pin Configuration and Functions
1
SEL1
16
SEL2
2
D1
15
D2
3
S1
14
S2
4
VSS
13
VDD
5
GND
12
FF
6
S4
11
S3
7
D4
10
D3
8
SEL4
9
SEL3
Not to scale
Figure 6-1. (Preview) PW Package,
16-Pin TSSOP (Top View)
1
S1
12
S2
2
VSS
11
VDD
3
GND
10
FF
4
S4
9
S3
Not to scale
Thermal
Pad
Figure 6-2. RRP Package,
16-Pin WQFN (Top View)
Table 6-1. Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
TSSOP(2)
WQFN
D1
2
16
I/O
Drain pin 1. Can be an input or output. The drain pin is not overvoltage protected.
D2
15
13
I/O
Drain pin 2. Can be an input or output. The drain pin is not overvoltage protected.
D3
10
8
I/O
Drain pin 3. Can be an input or output. The drain pin is not overvoltage protected.
D4
7
5
I/O
Drain pin 4. Can be an input or output. The drain pin is not overvoltage protected.
FF
12
10
O
General fault flag. This pin is an open drain output and is asserted low when overvoltage
condition is detected on any of the source (Sx) input pins. Connect this pin to an external
supply (1.8 V to 5.5 V) through a 1 kΩ pull-up resistor.
GND
5
3
P
Ground (0 V) reference
S1
3
1
I/O
Overvoltage protected source pin 1. Can be an input or output.
S2
14
12
I/O
Overvoltage protected source pin 2. Can be an input or output.
S3
11
9
I/O
Overvoltage protected source pin 3. Can be an input or output.
S4
6
4
I/O
Overvoltage protected source pin 4. Can be an input or output.
SEL1
1
15
I
Logic control input 1.
SEL2
16
14
I
Logic control input 2.
SEL3
9
7
I
Logic control input 3.
SEL4
8
6
I
Logic control input 4.
VDD
13
11
P
Positive power supply. This pin is the most positive power-supply potential. Connect a
decoupling capacitor ranging from 0.1 µF to 10 µF between VDD and GND for reliable
operation.
VSS
4
2
P
Negative power supply. This pin is the most negative power-supply potential. This pin can be
connected to ground in single-supply applications. Connect a decoupling capacitor ranging
from 0.1 µF to 10 µF between VSS and GND for reliable operation.
Thermal Pad
—
The thermal pad is not connected internally. It is recommended that the pad be tied to GND or
VSS for best performance.
(1)
I = input, O = output, I/O = input and output, P = power.
(2)
Preview package.
www.ti.com
TMUX7411F, TMUX7412F, TMUX7413F
SCDS404B – MARCH 2021 – REVISED NOVEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TMUX7411F TMUX7412F TMUX7413F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com