Electronic Components Datasheet Search
  English  ▼

X  

TMUX7412F Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX7412F
Description  TMUX741xF ±60 V Fault-Protected, 1:1 (SPST), 4-Channel Switches With Latch-Up Immunity and 1.8-V Logic
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7412F Datasheet(HTML) 1 Page - Texas Instruments

  TMUX7412F Datasheet HTML 1Page - Texas Instruments TMUX7412F Datasheet HTML 2Page - Texas Instruments TMUX7412F Datasheet HTML 3Page - Texas Instruments TMUX7412F Datasheet HTML 4Page - Texas Instruments TMUX7412F Datasheet HTML 5Page - Texas Instruments TMUX7412F Datasheet HTML 6Page - Texas Instruments TMUX7412F Datasheet HTML 7Page - Texas Instruments TMUX7412F Datasheet HTML 8Page - Texas Instruments TMUX7412F Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
TMUX741xF ±60 V Fault-Protected, 1:1 (SPST), 4-Channel Switches
With Latch-Up Immunity and 1.8-V Logic
1 Features
• Wide supply voltage range:
– Single supply: 8 V to 44 V
– Dual supply: ±5 V to ±22 V
• Integrated fault protection:
– Overvoltage protection, source to supplies or
source to drain: ±85 V
– Overvoltage protection: ±60 V
– Powered-off protection: ±60 V
– Interrupt flags to indicate fault status
– Output open circuited during fault
• Latch-up immunity by device construction
• Human Body Model (HBM) ESD rating: 6-kV
• Low on-resistance: 8.3 Ω typical
• Flat on-resistance: 10 mΩ typical
• Logic capable: 1.8-V
• Fail-safe logic: up to 44 V independent of supply
• Industry-standard TSSOP and smaller WQFN
packages
2 Applications
• Factory automation and control
• Programmable logic controllers (PLC)
• Analog input modules
• Semiconductor test equipment
• Battery test equipment
• Servo drive control module
• Data acquisition systems (DAQ)
3 Description
The TMUX7411F, TMUX7412F, and TMUX7413F
are
complementary
metal-oxide
semiconductor
(CMOS) analog switches in 1:1 (SPST), 4-channel
configurations. The devices work well with dual
supplies (±5 V to ±22 V), a single supply (8 V to
44 V), or asymmetric supplies (such as VDD = 12 V,
VSS = –5 V). The overvoltage protection is available
in powered and powered-off conditions, making
the TMUX741xF devices suitable for applications
where power supply sequencing cannot be precisely
controlled.
The devices block fault voltages up to +60 V or
−60 V relative to ground in powered and powered-off
conditions. When no power supplies are present, the
switch channels remain in the OFF state regardless
of the switch input conditions, and any control signal
present on the logic pins is ignored. If the signal
path input voltage on any Sx pin exceeds the supply
voltage (VDD or VSS) by a threshold voltage (VT), the
channel turns OFF and the Sx pin becomes high
impedance. The drain pin (Dx) of a selected channel
under a fault condition is floating. The TMUX741xF
devices provide an active-low interrupt flag (FF) to
indicate if any of the source inputs are experiencing a
fault condition to help system diagnostics.
Package Information(1)(3)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TMUX7411F
TMUX7412F
TMUX7413F
PW (TSSOP, 16) (2)
5.00 mm × 4.40 mm
RRP (WQFN, 16)
4.00 mm × 4.00 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
(2)
Preview package.
(3)
See Device Comparison Table
SW
SW
S1
S2
VDD
VSS
TMUX7411F
(SELx = Logic 1)
Fault Detection/
Switch Driver/
Logic Decoder
SEL1
SEL2
SEL3
SW
SW
S3
S4
D1
D2
D3
D4
FF
SEL4
S1
S2
VDD
VSS
Fault Detection/
Switch Driver/
Logic Decoder
SEL1
SEL2
SEL3
S3
S4
D1
D2
D3
D4
FF
SEL4
SW
SW
SW
SW
TMUX7412F
(SELx = Logic 1)
S1
S2
VDD
VSS
Fault Detection/
Switch Driver/
Logic Decoder
SEL1
SEL2
SEL3
S3
S4
D1
D2
D3
D4
FF
SEL4
SW
SW
TMUX7413F
(SELx = Logic 1)
SW
SW
Functional Block Diagram
TMUX7411F, TMUX7412F, TMUX7413F
SCDS404B – MARCH 2021 – REVISED NOVEMBER 2022
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. UNLESS OTHERWISE NOTED, this document contains PRODUCTION
DATA.


Similar Part No. - TMUX7412F

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX7412F TI-TMUX7412F Datasheet
1Mb / 30P
TMUX741xF 짹60 V Fault-protected, 1:1 (SPST), 4-Channel Switches with 1.8-V Logic
TMUX7412F TI-TMUX7412F Datasheet
2Mb / 42P
TMUX741xF 짹60 V Fault-Protected, 1:1 (SPST), 4-Channel Switches with Latch-Up Immunity and 1.8-V Logic
NOVEMBER 2021
TMUX7412F TI2-TMUX7412F Datasheet
1Mb / 48P
TMUX741xF ±60 V Fault-Protected, 1:1 (SPST), 4-Channel Switches With Latch-Up Immunity and 1.8-V Logic
REVISED NOVEMBER 2022
TMUX7412FRRPR TI-TMUX7412FRRPR Datasheet
2Mb / 42P
TMUX741xF 짹60 V Fault-Protected, 1:1 (SPST), 4-Channel Switches with Latch-Up Immunity and 1.8-V Logic
NOVEMBER 2021
TMUX7412FRRPR TI2-TMUX7412FRRPR Datasheet
1Mb / 48P
TMUX741xF ±60 V Fault-Protected, 1:1 (SPST), 4-Channel Switches With Latch-Up Immunity and 1.8-V Logic
REVISED NOVEMBER 2022
More results

Similar Description - TMUX7412F

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX7411F TI-TMUX7411F Datasheet
1Mb / 30P
TMUX741xF 짹60 V Fault-protected, 1:1 (SPST), 4-Channel Switches with 1.8-V Logic
TMUX7411F TI-TMUX7411F_V01 Datasheet
2Mb / 42P
TMUX741xF 짹60 V Fault-Protected, 1:1 (SPST), 4-Channel Switches with Latch-Up Immunity and 1.8-V Logic
NOVEMBER 2021
TMUX8212 TI-TMUX8212 Datasheet
1Mb / 28P
TMUX821x 100-V, Flat Ron, 1:1 (SPST), 4-Channel Switches with Latch-Up Immunity and 1.8-V Logic
OCTOBER 2021
TMUX8212 TI-TMUX8212_V01 Datasheet
1Mb / 32P
TMUX821x 100-V, Flat Ron, 1:1 (SPST), 4-Channel Switches with Latch-Up Immunity and 1.8-V Logic
DECEMBER 2021
TMUX7436F TI-TMUX7436F Datasheet
1Mb / 47P
TMUX7436F ±60 V Fault-Protected, Dual 2:1 Multiplexer With Latch-Up Immunity and 1.8 V Logic
OCTOBER 2022
TMUX7348F TI-TMUX7348F_V01 Datasheet
3Mb / 60P
TMUX734xF ±60-V Fault-Protected, 8:1 and Dual 4:1 Multiplexers With Adjustable Fault Threshold, Latch-Up Immunity, and 1.8-V Logic
REVISED NOVEMBER 2022
TMUX7436F TI-TMUX7436F_V01 Datasheet
2Mb / 48P
TMUX7436F ±60 V Fault-Protected, Dual 2:1 Multiplexer With Latch-Up Immunity and 1.8 V Logic
REVISED NOVEMBER 2022
TMUX7436F TI-TMUX7436F_V02 Datasheet
2Mb / 50P
TMUX7436F ±60 V Fault-Protected, Dual 2:1 Multiplexer With Latch-Up Immunity and 1.8 V Logic
REVISED NOVEMBER 2022
TMUX7308F TI1-TMUX7308F_V04 Datasheet
1Mb / 54P
TMUX730xF ±60-V Fault-Protected, 8:1 and Dual 4:1 Multiplexers with Latch-Up Immunity and 1.8-V Logic
REVISED JULY 2023
TMUX7348F TI1-TMUX7348F_V02 Datasheet
3Mb / 64P
TMUX734xF ±60-V Fault-Protected, 8:1 and Dual 4:1 Multiplexers With Adjustable Fault Threshold, Latch-Up Immunity, and 1.8-V Logic
REVISED JULY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com