Electronic Components Datasheet Search
  English  ▼

X  

PI5A381AP Datasheet(PDF) 8 Page - Pericom Semiconductor Corporation

Part # PI5A381AP
Description  Precision Wide Bandwidth Analog Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5A381AP Datasheet(HTML) 8 Page - Pericom Semiconductor Corporation

  PI5A381AP Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5A381AP Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5A381AP Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5A381AP Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5A381AP Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5A381AP Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5A381AP Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5A381AP Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
39
PS7062D
07/14/98
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI5A381A
PI5A383A
PI5A385A
Test Circuits/Timing Diagrams (continued)
Figure 3. Off Isolation
Figure 5. Channel-Off Capacitance
Figure 7. Bandwidth
Figure 4. Crosstalk
Figure 6. Channel-On Capacitance
V+
+5V
0V or
2.4V
GND
10nF
COM
50
50
COM
NC
or NO
IN
Analyzer
V+
+5V
GND
10nF
COM1
Signal
Generator 0dBm
N01
N02
NC
or NO
V+
+5V
GND
10nF
COM1
0V or
2.4V
IN
NC
or NO
Capacitance
Meter
f = 1kHz
V+
+5V
GND
10nF
COM1
0V or
2.4V
IN
NC
or NO
Capacitance
Meter
f = 1kHz
Vcc
Vo
+5V
NC or
NO
10nF
COM
GND
Rg = 50
RL
50
r
e
b
m
u
N
t
r
a
Pe
g
a
k
c
a
P
P
A
1
8
3
A
5
I
PP
I
D
P
n
i
P
-
6
1
W
A
1
8
3
A
5
I
P6
1
-
C
I
O
S
y
d
o
B
w
o
r
r
a
N
Q
A
1
8
3
A
5
I
PP
O
S
Q
n
i
P
-
6
1
P
A
3
8
3
A
5
I
PP
I
D
P
n
i
P
-
6
1
W
A
3
8
3
A
5
I
P6
1
-
C
I
O
S
y
d
o
B
w
o
r
r
a
N
Q
A
3
8
3
A
5
I
PP
O
S
Q
n
i
P
-
6
1
P
A
5
8
3
A
5
I
PP
I
D
P
n
i
P
-
6
1
W
A
5
8
3
A
5
I
P6
1
-
C
I
O
S
y
d
o
B
w
o
r
r
a
N
Q
A
5
8
3
A
5
I
PP
O
S
Q
n
i
P
-
6
1
Ordering Information



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com