Electronic Components Datasheet Search
  English  ▼

X  

PI5A381AP Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI5A381AP
Description  Precision Wide Bandwidth Analog Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5A381AP Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI5A381AP Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5A381AP Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5A381AP Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5A381AP Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5A381AP Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5A381AP Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5A381AP Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5A381AP Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
33
PS7062D
07/14/98
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI5A381A
PI5A383A
PI5A385A
Electrical Characteristics-Single 5.0V Supply
(VCC = 5V ±10%, GND = 0V, VINH = 2.4V, VINL = 0.8V)
Absolute Maximum Ratings
Voltages Referenced to GND
V
CC
...................................................................................................................................
–0.5V to +7V
V
IN,VCOM,VNC,VNO (Note 1) ................................ –0.5V to VCC+2V
................................................... or 30mA, whichever occurs first
Current (any terminal except COM, NO, NC) .................... 30mA
Current, COM, NO, NC ................................................... 100 mA
(pulsed at 1ms, 10% duty cycle) ....................................... 120mA
Thermal Information
Continuous Power Dissipation
PDIP (derate 10.5mW/ºC above 70ºC) ............................. 800mW
Narrow SO & QSOP
(derate 8.7mW/ºC above +70ºC) ...................................... 650mW
Storage Temperature ........................................... -65ºC to +150ºC
Lead Temperature(soldering, 10s) .................................... +300ºC
Note 1 : Signals on NC, NO, COM, or IN exceeding V
CC or GND
are clamped by internal diodes. Limit forward diode current to
30mA.
Caution: Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating
and operation of the device at these or any other conditions beyond those indicated in the operational sections of this specification is not implied.
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
t
s
e
T)
C
º
(
p
m
e
T.
n
i
M
)
2
(
.
p
y
T
)
2
(
.
x
a
M
)
2
(
t
i
n
U
h
c
t
i
w
S
g
o
l
a
n
A
e
g
n
a
R
l
a
n
g
i
S
g
o
l
a
n
A
)
3
(
V
G
O
L
A
N
A
l
l
u
F0
V
C
C
V
e
c
n
a
t
s
i
s
e
R
-
N
OR
N
O
V
C
C
I
,
V
5
.
4
=
M
O
C
A
m
0
3
-
=
V
O
N
V
r
o
C
N
V
5
.
2
+
=
5
28
0
1
Ω
l
l
u
F2
1
h
c
t
a
M
e
c
n
a
t
s
i
s
e
R
-
n
O
s
l
e
n
n
a
h
C
n
e
e
w
t
e
B
)
4
(
∆R
N
O
5
29
.
02
l
l
u
F4
s
s
e
n
t
a
l
F
e
c
n
a
t
s
i
s
e
R
-
n
O
)
5
(
R
)
N
O
(
T
A
L
F
V
C
C
I
,
V
5
=
M
O
C
A
m
0
3
-
=
V
O
N
V
r
o
C
N
V
4
,
V
5
.
2
,
V
1
=
5
23
4
l
l
u
F5
f
f
O
C
N
r
o
O
N
t
n
e
r
r
u
C
e
g
a
k
a
e
L
)
6
(
I
)
F
F
O
(
O
N
I
)
F
F
O
(
C
N
V
C
C
V
,
V
5
.
5
=
M
O
C
V
0
=
V
O
N
V
r
o
C
N
V
5
.
4
=
5
25
0
.
0
A
n
l
l
u
F0
8
-0
8
f
f
O
M
O
C
t
n
e
r
r
u
C
e
g
a
k
a
e
L
)
6
(
I
)
F
F
O
(
M
O
C
V
,
V
5
.
5
=
+
V
M
O
C
V
5
.
4
+
=
V
O
N
V
r
o
C
N
V
0
±
=
5
25
0
.
0
l
l
u
F0
8
-0
8
n
O
M
O
C
t
n
e
r
r
u
C
e
g
a
k
a
e
L
)
6
(
I
)
N
O
(
M
O
C
V
C
C
V
,
V
5
.
5
=
M
O
C
V
5
.
4
+
=
V
O
N
V
r
o
C
N
V
5
.
4
+
=
5
27
0
.
0
l
l
u
F0
8
-0
8
.......................................................................................



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com