Electronic Components Datasheet Search
  English  ▼

X  

CF1156 Datasheet(PDF) 3 Page - Nippon Precision Circuits Inc

Part # CF1156
Description  CMOS melody LSIs with built-in LED driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF1156 Datasheet(HTML) 3 Page - Nippon Precision Circuits Inc

  CF1156 Datasheet HTML 1Page - Nippon Precision Circuits Inc CF1156 Datasheet HTML 2Page - Nippon Precision Circuits Inc CF1156 Datasheet HTML 3Page - Nippon Precision Circuits Inc CF1156 Datasheet HTML 4Page - Nippon Precision Circuits Inc CF1156 Datasheet HTML 5Page - Nippon Precision Circuits Inc CF1156 Datasheet HTML 6Page - Nippon Precision Circuits Inc CF1156 Datasheet HTML 7Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
CF1156 series
NIPPON PRECISION CIRCUITS INC.—3
FUNCTIONAL DESCRIPTION
LED Indicator
The LED flashes during melody play mode only, at intervals representing a 1/8 musical note length.
Melody Modes
The CF1156 series melody mode is determined by the bonding options and levels on the mode control inputs
OSH and LH. When either OSH or LH or both go HIGH (VDD), the corresponding melody mode is selected as
shown in the following table.
Level hold 1
When both OSH and LH go HIGH, melody play starts and continues while both are held HIGH. When both
inputs go open circuit or LOW, melody play stops, even if during mid melody.
Note that both OSH and LH inputs should be switched simultaneously using a single switch. If there is timing
difference between the two inputs, then LH has priority.
OSH
LH
Melody mode
HIGH
HIGH
Level hold 1
LOW
HIGH
Level hold 2
HIGH
LOW
One-shot
LOW
LOW
Non-play
= 1 cycle
BO
LED flash
LED flash interval
LO
Play
Non-play
VDD
Active:LOW
VSS
The LED flashes at intervals equal to a 1/8 musical note,
regardless of the melody note length being output.
Note:
1 TUNE
Oscillator
REPEAT
REPEAT
BO
LH
OSH
150k
Ω
45k
Ω
45k
Ω
Pull-down resistance
(2-pin parallel resistance)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com