Electronic Components Datasheet Search
  English  ▼

X  

CF1156 Datasheet(PDF) 1 Page - Nippon Precision Circuits Inc

Part # CF1156
Description  CMOS melody LSIs with built-in LED driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF1156 Datasheet(HTML) 1 Page - Nippon Precision Circuits Inc

  CF1156 Datasheet HTML 1Page - Nippon Precision Circuits Inc CF1156 Datasheet HTML 2Page - Nippon Precision Circuits Inc CF1156 Datasheet HTML 3Page - Nippon Precision Circuits Inc CF1156 Datasheet HTML 4Page - Nippon Precision Circuits Inc CF1156 Datasheet HTML 5Page - Nippon Precision Circuits Inc CF1156 Datasheet HTML 6Page - Nippon Precision Circuits Inc CF1156 Datasheet HTML 7Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
CF1156 series
NIPPON PRECISION CIRCUITS INC.—1
Melody LSIs
OVERVIEW
The CF1156 series are CMOS melody LSIs with built-in LED driver that, together with a battery and piezo-
electric buzzer, operate in one of 3 melody modes determined by input level or bonding options. They also fea-
ture an oscillator stop function in non-play mode and a variable pull-down resistance function that responds to
input levels in order to reduce power consumption, reduce cost, and extend battery life, making them ideal in a
wide range of applications including greeting cards and toys.
FEATURES
I
LED direct drive
I
Requires few external components
I
2.0 to 3.6V wide operating voltage range
I
Low power consumption
I
3 melody modes (bonding option)
I
Oscillator stop function in non-play mode
I
Power saving pull-down resistor built-in
I
RC oscillator circuit
I
Power-ON initialization function
I
2 VSS pad connections
I
Wide pitch dynamic range (G3 to D7)
I
Chip form
PAD LAYOUT and COORDINATES
(Unit:
µm)
ORDERING INFORMATION
Chip size: 1.23
× 1.23mm
Chip thickness: 300 ± 30µm
T1, T2, TC, and TO bonding is not required.
VDD
(0,0)
(1230,1230)
1
2
3
4
5
6
78
9
10
11
LO
BO
TC
T2
T1
VSS TO OSH
LH
VSS
Number
Pad
X
Y
1
BO
930
1075
2
LO
529
1075
3
VDD
155
1075
4
TC
155
887
5
T2
155
608
6
T1
155
420
7
VSS
223
155
8
TO
486
155
9
OSH
750
155
10
LH
1041
155
11
VSS
1075
420
Device
Package
CF1156
Chip form


Similar Part No. - CF1156

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
CF1156 NPC-CF1156 Datasheet
78Kb / 8P
Melody LSIs
CF1156 NPC-CF1156_06 Datasheet
78Kb / 8P
Melody LSIs
More results

Similar Description - CF1156

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
CF1155 NPC-CF1155 Datasheet
65Kb / 7P
Melody LSIs
SM1126 NPC-SM1126 Datasheet
125Kb / 18P
Melody IC with Built-in SRAM
SM1155 NPC-SM1155 Datasheet
75Kb / 7P
Melody LSIs
logo
OKI electronic componet...
MSM64152A OKI-MSM64152A Datasheet
142Kb / 25P
4-Bit Microcontroller with Built-in LCD Driver and Melody Circuit
MSM64153A OKI-MSM64153A Datasheet
146Kb / 25P
4-Bit Microcontroller with Built-in LCD Driver and Melody Circuit
MSM64155A OKI-MSM64155A Datasheet
150Kb / 26P
4-Bit Microcontroller with Built-in LCD Driver and Melody Circuit
MSM64158A OKI-MSM64158A Datasheet
142Kb / 25P
4-Bit Microcontroller with Built-in LCD Driver and Melody Circuit
MSM64P155 OKI-MSM64P155 Datasheet
181Kb / 29P
4-Bit Microcontroller with Built-in LCD Driver and Melody Circuit
logo
Nippon Precision Circui...
CF1155 NPC-CF1155_06 Datasheet
74Kb / 8P
Melody LSIs
CF1156 NPC-CF1156_06 Datasheet
78Kb / 8P
Melody LSIs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com