Electronic Components Datasheet Search
  English  ▼

X  

DI100 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # DI100
Description  1 AMP MINIATURE BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DI100 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  DI100 Datasheet HTML 1Page - List of Unclassifed Manufacturers DI100 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING& CHARACTERISTIC CURVES FOR SERIES DI100- DI110
Data Sheet No. BRDI-100-2B
Tel.: (310) 767-1052
Fax: (310) 767-7958
DIOTEC ELECTRONICS CORP.
Gardena, CA 90248
U.S.A
18020 Hobart Blvd., Unit B
FIGURE 1. FORWARD CURRENT DERATING CURVE
Ambient Temperature, C
o
FIGURE 2. MAXIMUM NON-REPETITIVE SURGE CURRENT
Number of Cycles at 60 Hz
1
10
100
50
40
30
20
10
0
1 AMP MINIATURE BRIDGE RECTIFIERS
4.97bbrdi100
NOTE 1
F2
Resistive and Inductive Loads
FIGURE 3. TYPICAL FORWARD CHARACTERISTIC PER DIODE
Instantaneous Forward Voltage (Volts)
0.01
0.1
1.0
10
NOTE 2
NOTES
(1) JEDEC Method, 8.3 mSec. Single Half Sine Wave; T = 150 C
(2) T = 25 C; Pulse Width= 300 Sec, 1% Duty Cycle
(3) T = 25 C;f=1 MHz
J
J
J
o
o
o
µ
FIGURE 4. TYPICAL REVERSE CHARACTERISTICS
Percent of Rated Peak Reverse Voltage
.01
0.1
1.0
10
100
100
120
140
T = 25 C
A
o
T = 100 C
A
o
20
60
80
50
100
FIGURE 5. TYPICAL JUNCTION CAPACITANCE PER DIODE
Reverse Voltage, (Volts)
1
100
10
0.1
1000
NOTE 3



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com