Electronic Components Datasheet Search
  English  ▼

X  

DI100 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DI100
Description  1 AMP MINIATURE BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DI100 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DI100 Datasheet HTML 1Page - List of Unclassifed Manufacturers DI100 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MECHANICAL DATA
FEATURES
Data Sheet No. BRDI-100-1B
MECHANICAL SPECIFICATION
PRV Ratings from 50 to 1000 Volts
Surge overload rating to 50 Amps peak
Reliable low cost molded plastic construction
Ideal for printed circuit board applications
Case: Molded plastic, U/L Flammability Rating 94V-0
Terminals: Rectangular pins
Soldering: Per MIL-STD 202 Method 208 guaranteed
Polarity: Marked on case
Mounting Position: Any
Weight: 0.05 Ounces (1.3 Grams)
F1
Tel.: (310) 767-1052
Fax: (310) 767-7958
DIOTEC ELECTRONICS CORP.
Gardena, CA 90248
U.S.A
18020 Hobart Blvd., Unit B
MAXIMUM RATINGS& ELECTRICAL CHARACTERISTICS
Ratings at 25 °C ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive loads, derate current by 20%.
Average Forward Rectified Current@ T = 40 C
A
o
PARAMETER (TEST CONDITIONS)
Maximum DC Blocking Voltage
Maximum Peak Recurrent Reverse Voltage
Maximum RMS Voltage
Series Number
IO
VRMS
VRRM
VRM
SYMBOL
DI101
DI100
RATINGS
UNITS
VOLTS
DI102 DI104 DI106 DI108 DI110
50
100
200
400
1000
35
70
140
280
700
1
Peak Forward Surge Current (8.3mS single half sine wave
superimposed on rated load)
Maximum Forward Voltage (Per Diode) at1 Amp DC
VOLTS
AMPS
VFM
IFSM
50
1.1
Maximum Thermal Resistance, Junction to Ambient (Note 1)
Maximum Average DC Reverse Current
At Rated DC Blocking Voltage
IRM
R
θJA
°C/W
mA
µA
@ T= 25 C
A
o
@ T = 100 C
A
o
5.0
0.5
40
Operating and Storage Temperature Range
T T
J,
STG
°C
-55 to +150
4.97fbrdi100
(1) Thermal resistance from junction to ambient with bridge mounted on PC Board with 0.5x0.5 in copper pads
NOTES:
600
800
50
100
200
400
1000
600
800
420
560
* This dimension is "Typical".
0.310
0.016
0.355
0.125
0.165
A
A1
B
B1
B2
C
D
L
L1
0.350
Sym
in
in
mm
mm
Minimum
Maximum
0.245
6.2
0.300
7.6
9.3
4.3
3.2
0.195
5.0
0.41
0.205
5.2
8.9
7.9
0.290
7.4
0.255
6.5
0.020
0.51
0.365
9.3
0.135
3.4
0.155
3.9
0.060*
1.5*
C
D
L
L1
B
B1
B2
+
_
SERIES DI100- DI110
A
A1
+
_
DT
DI104
ACTUAL SIZE OF
THE DI PACKAGE
DT
DI104
+
UL RECOGNIZED- FILE #E124962


Similar Part No. - DI100

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
DI100 PANJIT-DI100 Datasheet
56Kb / 2P
DUAL-IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0~1.5 Amperes)
logo
Transys Electronics
DI100 TRSYS-DI100 Datasheet
154Kb / 2P
DUAL-IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Pan Jit International I...
DI100 PANJIT-DI100 Datasheet
71Kb / 2P
DUAL-IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Compact Technology Corp...
DI100 CTC-DI100 Datasheet
128Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Pan Jit International I...
DI100 PANJIT-DI100 Datasheet
72Kb / 2P
DUAL-IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results

Similar Description - DI100

ManufacturerPart #DatasheetDescription
logo
Semikron International
SKBB80C1500L5B SEMIKRON-SKBB80C1500L5B Datasheet
75Kb / 3P
Miniature Bridge Rectifiers
logo
DIOTEC Electronics Corp...
FDI100 DEC-FDI100 Datasheet
259Kb / 1P
1 AMP FAST RECOVERY BRIDGE RECTIFIERS
S1NB05 DEC-S1NB05 Datasheet
342Kb / 2P
1 AMP MINIATURE BRIDGE RECTIFIERS
BRDI-100-1C DEC-BRDI-100-1C Datasheet
456Kb / 2P
1 AMP MINIATURE BRIDGE RECTIFIERS
FRDI-100-1B DEC-FRDI-100-1B Datasheet
261Kb / 1P
1 AMP FAST RECOVERY BRIDGE RECTIFIERS
BRDI-101-1C DEC-BRDI-101-1C Datasheet
344Kb / 2P
1 AMP MINIATURE BRIDGE RECTIFIERS
logo
New Jersey Semi-Conduct...
VE27 NJSEMI-VE27 Datasheet
68Kb / 1P
1 Amp Epoxy Bridge Rectifiers
logo
DIOTEC Electronics Corp...
01DI DEC-01DI Datasheet
456Kb / 2P
1 AMP MINIATURE BRIDGE RECTIFIERS
01FDI DEC-01FDI Datasheet
261Kb / 1P
1 AMP FAST RECOVERY BRIDGE RECTIFIERS
01S1NB DEC-01S1NB Datasheet
344Kb / 2P
1 AMP MINIATURE BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com