Electronic Components Datasheet Search
  English  ▼

X  

DS3232SN Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # DS3232SN
Description  Extremely Accurate I2C RTC with Integrated Crystal and SRAM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3232SN Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button DS3232SN Datasheet HTML 7Page - Maxim Integrated Products DS3232SN Datasheet HTML 8Page - Maxim Integrated Products DS3232SN Datasheet HTML 9Page - Maxim Integrated Products DS3232SN Datasheet HTML 10Page - Maxim Integrated Products DS3232SN Datasheet HTML 11Page - Maxim Integrated Products DS3232SN Datasheet HTML 12Page - Maxim Integrated Products DS3232SN Datasheet HTML 13Page - Maxim Integrated Products DS3232SN Datasheet HTML 14Page - Maxim Integrated Products DS3232SN Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
the DS3232. When the microcontroller resets, the
DS3232 I2C interface may be placed into a known state
by toggling SCL until SDA is observed to be at a high
level. At that point the microcontroller should pull SDA
low while SCL is high, generating a START condition.
If SCL is held low for greater than tIF, the internal I2C
interface is reset. This limits the minimum frequency at
which the I2C interface can be operated. If data is
being written to the device when the interface timeout is
exceeded, prior to the acknowledge, the incomplete
byte of data is not written.
Clock and Calendar
The time and calendar information is obtained by read-
ing the appropriate register bytes. Figure 1 illustrates
the RTC registers. The time and calendar data are set
or initialized by writing the appropriate register bytes.
The contents of the time and calendar registers are in
binary-coded decimal (BCD) format. The DS3232 can
be run in either 12-hour or 24-hour mode. Bit 6 of the
hours register is defined as the 12- or 24-hour mode
select bit. When high, 12-hour mode is selected. In 12-
hour mode, bit 5 is the
AM/PM bit with logic-high being
Extremely Accurate I2C RTC with
Integrated Crystal and SRAM
____________________________________________________________________
11
Figure 1. Address Map for DS3232 Timekeeping Registers and SRAM
Note: Unless otherwise specified, the registers’ state is not defined when power is first applied.
ADDRESS
BIT 7
MSB
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
LSB
FUNCTION
RANGE
00H
0
10 Seconds
Seconds
Seconds
00–59
01H
0
10 Minutes
Minutes
Minutes
00–59
AM/PM
02H
0
12/
24
10 Hour
10 Hour
Hour
Hours
1–12 +
AM/PM
00–23
03H
0
0
0
0
0
Day
Day
1–7
04H
0
0
10 Date
Date
Date
00–31
05H
Century
00
10 Month
Month
Month/
Century
01–12 +
Century
06H
10 Year
Year
Year
00–99
07H
A1M1
10 Seconds
Seconds
Alarm 1 Seconds
00–59
08H
A1M2
10 Minutes
Minutes
Alarm 1 Minutes
00–59
AM/PM
09H
A1M3
12/
24
10 Hour
10 Hour
Hour
Alarm 1 Hours
1–12 +
AM/PM
00–23
Day
Alarm 1 Day
1–7
0AH
A1M4
DY/
DT
10 Date
Date
Alarm 1 Date
1–31
0BH
A2M2
10 Minutes
Minutes
Alarm 2 Minutes
00–59
AM/PM
0CH
A2M3
12/
24
10 Hour
10 Hour
Hour
Alarm 2 Hours
1–12 +
AM/PM
00–23
Day
Alarm 2 Day
1–7
0DH
A2M4
DY/
DT
10 Date
Date
Alarm 2 Date
1–31
0EH
EOSC
BBSQW
CONV
RS2
RS1
INTCN
A2IE
A1IE
Control
—
0FH
OSF
BB32kHz
CRATE1
CRATE0
EN32kHz
BSY
A2F
A1F
Control/Status
—
10H
SIGN
DATA
DATA
DATA
DATA
DATA
DATA
DATA
Aging Offset
—
11H
SIGN
DATA
DATA
DATA
DATA
DATA
DATA
DATA
MSB of Temp
—
12H
DATA
DATA
00
00
00
LSB of Temp
—
13H
0
0
0
0
0
0
0
0
Not used
Reserved for
test
14H–0FFh
xx
xx
xx
xx
SRAM
00h–0FFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com