Electronic Components Datasheet Search
  English  ▼

X  

DS3232SN Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # DS3232SN
Description  Extremely Accurate I2C RTC with Integrated Crystal and SRAM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3232SN Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button DS3232SN Datasheet HTML 10Page - Maxim Integrated Products DS3232SN Datasheet HTML 11Page - Maxim Integrated Products DS3232SN Datasheet HTML 12Page - Maxim Integrated Products DS3232SN Datasheet HTML 13Page - Maxim Integrated Products DS3232SN Datasheet HTML 14Page - Maxim Integrated Products DS3232SN Datasheet HTML 15Page - Maxim Integrated Products DS3232SN Datasheet HTML 16Page - Maxim Integrated Products DS3232SN Datasheet HTML 17Page - Maxim Integrated Products DS3232SN Datasheet HTML 18Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
Control/Status Register (0Fh)
Bit 7: Oscillator Stop Flag (OSF). A logic 1 in this bit
indicates that the oscillator either is stopped or was
stopped for some period and may be used to judge the
validity of the timekeeping data. This bit is set to logic 1
any time that the oscillator stops. The following are
examples of conditions that can cause the OSF bit to
be set:
1) The first time power is applied.
2) The voltages present on both VCC and VBAT are
insufficient to support oscillation.
3) The
EOSC bit is turned off in battery-backed mode.
4) External influences on the crystal (i.e., noise, leak-
age, etc.).
This bit remains at logic 1 until written to logic 0.
Bit 6: Battery-Backed 32kHz Output (BB32kHz). This
bit enables the 32kHz output when powered from VBAT
(provided EN32kHz is enabled). If BB32kHz = 0, the
32kHz output is low when the part is powered by VBAT.
Bits 5 and 4: Conversion Rate (CRATE1 and
CRATE0). These two bits control the sample rate of the
TCXO. The sample rate determines how often the tem-
perature sensor makes a conversion and applies com-
pensation to the oscillator. Decreasing the sample rate
decreases the overall power consumption by decreas-
ing the frequency at which the temperature sensor
operates. However, significant temperature changes
that occur between samples may not be completely
compensated for, which reduce overall accuracy.
When a new conversion rate is written to the register, it
may take up to the new conversion rate time before the
conversions occur at the new rate.
Bit 3: Enable 32kHz Output (EN32kHz). This bit indi-
cates the status of the 32kHz pin. When set to logic 1,
the 32kHz pin is enabled and outputs a 32.768kHz
square-wave signal. When set to logic 0, the 32kHz pin
goes low. The initial power-up state of this bit is logic 1,
and a 32.768kHz square-wave signal appears at the
32kHz pin after a power source is applied to the DS3232
(if the oscillator is running).
Bit 2: Busy (BSY). This bit indicates the device is busy
executing TCXO functions. It goes to logic 1 when the
conversion signal to the temperature sensor is asserted
and then is cleared when the conversion is complete.
Bit 1: Alarm 2 Flag (A2F). A logic 1 in the alarm 2 flag
bit indicates that the time matched the alarm 2 regis-
ters. If the A2IE bit is logic 1 and the INTCN bit is set to
logic 1, the
INT/SQW pin is also asserted. A2F is
cleared when written to logic 0. This bit can only be
written to logic 0. Attempting to write to logic 1 leaves
the value unchanged.
Bit 0: Alarm 1 Flag (A1F). A logic 1 in the alarm 1 flag
bit indicates that the time matched the alarm 1 regis-
ters. If the A1IE bit is logic 1 and the INTCN bit is set to
logic 1, the
INT/SQW pin is also asserted. A1F is
cleared when written to logic 0. This bit can only be
written to logic 0. Attempting to write to logic 1 leaves
the value unchanged.
Extremely Accurate I2C RTC with
Integrated Crystal and SRAM
14
____________________________________________________________________
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
NAME:
OSF
BB32kHz
CRATE1
CRATE0
EN32kHz
BSY
A2F
A1F
POR*:
110
01
000
Control/Status Register (0Fh)
*POR is defined as the first application of power to the device, either VBAT or VCC.
CRATE1
CRATE0
SAMPLE RATE
(seconds)
00
64
01
128
10
256
11
512



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com