Electronic Components Datasheet Search
  English  ▼

X  

STD1703L Datasheet(PDF) 1 Page - STMicroelectronics

Part # STD1703L
Description  N-CHANNEL 30V - 0.038Ω - 17A - DPAK STripFET™ II MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD1703L Datasheet(HTML) 1 Page - STMicroelectronics

  STD1703L Datasheet HTML 1Page - STMicroelectronics STD1703L Datasheet HTML 2Page - STMicroelectronics STD1703L Datasheet HTML 3Page - STMicroelectronics STD1703L Datasheet HTML 4Page - STMicroelectronics STD1703L Datasheet HTML 5Page - STMicroelectronics STD1703L Datasheet HTML 6Page - STMicroelectronics STD1703L Datasheet HTML 7Page - STMicroelectronics STD1703L Datasheet HTML 8Page - STMicroelectronics STD1703L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/10
April 2004
STD1703L
N-CHANNEL 30V - 0.038
Ω - 17A - DPAK
STripFET™ II MOSFET
s
TYPICAL RDS(on) = 0.038 Ω
s
APPLICATION ORIENTED
CHARACTERIZATION
DESCRIPTION
This MOSFET is the latest development of STMi-
croelectronics unique “Single Feature Size™
”
strip-based
process.
The
resulting
transistor
shows extremely high packing density for low on-
resistance, rugged avalance characteristics and
less critical alignment steps therefore a remark-
able manufacturing reproducibility.
APPLICATIONS
s
DC-DC CONVERTERS
s
LINEAR POST REGULATION
ORDERING INFORMATION
TYPE
VDSS
RDS(on)
ID
STD1703L
30 V
<0.05
Ω
17 A
SALES TYPE
MARKING
PACKAGE
PACKAGING
STD1703LT4
D1703L
DPAK
TAPE & REEL
DPAK
1
3
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - STD1703L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD170N4F7AG STMICROELECTRONICS-STD170N4F7AG Datasheet
783Kb / 16P
Automotive-grade N-channel 40 V, 2.2 m typ., 80 A STripFET™ F7 Power MOSFET in a DPAK package
December 2016 Rev 1
More results

Similar Description - STD1703L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD17NE03L STMICROELECTRONICS-STD17NE03L Datasheet
92Kb / 9P
N - CHANNEL 30V - 0.034ohm - 17A - DPAK/IPAK STripFET POWER MOSFET
Jun-1999
STD17NF03L STMICROELECTRONICS-STD17NF03L Datasheet
264Kb / 9P
N-CHANNEL 30V - 0.038ohm - 17A - DPAK/IPAK STripFET™ POWER MOSFET
Aug-2000
STD35NF3LL STMICROELECTRONICS-STD35NF3LL Datasheet
468Kb / 10P
N-CHANNEL 30V - 0.014 ohm - 35A IPAK/DPAK STripFET™ II POWER MOSFET
Feb-2002
STD60NF3LL STMICROELECTRONICS-STD60NF3LL Datasheet
452Kb / 9P
N-CHANNEL 30V - 0.0075ohm - 60A DPAK STripFET™ II POWER MOSFET
Apr-2002
STD17NF03L-1 STMICROELECTRONICS-STD17NF03L-1 Datasheet
413Kb / 14P
N-CHANNEL 30V - 0.038 - 17A - DPAK/IPAK STripFETII MOSFET
03-Jul-2006
STD17NF03L STMICROELECTRONICS-STD17NF03L_07 Datasheet
312Kb / 14P
N-channel 30V - 0.038ohm - 17A - DPAK/IPAK STripFET TM II Power MOSFET
19-Feb-2007
STD30NF03LT STMICROELECTRONICS-STD30NF03LT Datasheet
312Kb / 13P
N-channel 30V - 0.017ohm - 30A - DPAK STripFET TM II Power MOSFET
20-Feb-2007
STD35NF3LL STMICROELECTRONICS-STD35NF3LL_07 Datasheet
318Kb / 13P
N-channel 30V - 0.014ohm - 35A - DPAK STripFET TM II Power MOSFET
20-Feb-2007
logo
Texas Instruments
STD60NF3LL TI-STD60NF3LL_06 Datasheet
404Kb / 13P
N-channel 30V - 0.0075廓 - 60A - DPAK STripFET??II Power MOSFET
logo
STMicroelectronics
STD18NF03L STMICROELECTRONICS-STD18NF03L Datasheet
301Kb / 13P
N-channel 30V - 0.038Ω - 17A - DPAK STripFET??II Power MOSFET
27-Jul-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com