Electronic Components Datasheet Search
  English  ▼

X  

STD1703L Datasheet(PDF) 2 Page - STMicroelectronics

Part # STD1703L
Description  N-CHANNEL 30V - 0.038Ω - 17A - DPAK STripFET™ II MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD1703L Datasheet(HTML) 2 Page - STMicroelectronics

  STD1703L Datasheet HTML 1Page - STMicroelectronics STD1703L Datasheet HTML 2Page - STMicroelectronics STD1703L Datasheet HTML 3Page - STMicroelectronics STD1703L Datasheet HTML 4Page - STMicroelectronics STD1703L Datasheet HTML 5Page - STMicroelectronics STD1703L Datasheet HTML 6Page - STMicroelectronics STD1703L Datasheet HTML 7Page - STMicroelectronics STD1703L Datasheet HTML 8Page - STMicroelectronics STD1703L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
STD1703L
2/10
ABSOLUTE MAXIMUM RATINGS
(q) Pulse width limited by safe operating area
(1) ISD ≤17A, di/dt ≤300A/µs, VDD ≤ V(BR)DSS,Tj ≤ TJMAX.
(2) Starting Tj=25°C, ID=11A, VDD=15V
THERMAL DATA
ELECTRICAL CHARACTERISTICS (TCASE =25 °C UNLESS OTHERWISE SPECIFIED)
OFF
ON (1)
DYNAMIC
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS =0)
30
V
VDGR
Drain-gate Voltage (RGS =20kΩ)
30
V
VGS
Gate- source Voltage
± 20
V
ID
Drain Current (continuous) at TC =25°C
17
A
ID
Drain Current (continuous) at TC = 100°C
12
A
IDM ( )
Drain Current (pulsed)
68
A
PTOT
Total Dissipation at TC =25°C
20
W
Derating Factor
0.13
W/°C
dv/dt (1)
Peak Diode Recovery voltage slope
6
V/ns
EAS (2)
Single Pulse Avalanche Energy
200
mJ
Tstg
Storage Temperature
–65 to 175
°C
Tj
Max. Operating Junction Temperature
175
°C
Rthj-case
Thermal Resistance Junction-case Max
7.5
°C/W
Rthj-amb
Thermal Resistance Junction-ambient Max
62.5
°C/W
Tl
Maximum Lead Temperature For Soldering Purpose
275
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
Breakdown Voltage
ID=250 µA, VGS=0
30
V
IDSS
Zero Gate Voltage
Drain Current (VGS =0)
VDS=Max Rating
1µA
VDS=Max Rating,TC= 125°C
10
µA
IGSS
Gate-body Leakage
Current (VDS =0)
VGS = ± 15V
±100
nA
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VGS(th)
Gate Threshold Voltage
VDS =VGS,ID =250µA
1V
RDS(on)
Static Drain-source On
Resistance
VGS = 10V, ID =8.5 A
0.038
0.05
Ω
VGS =5 V, ID =8.5 A
0.045
0.06
Ω
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
gfs (1)
Forward Transconductance VDS >ID(on) xRDS(on)max,
ID =11A
7S
Ciss
Input Capacitance
VDS=25V, f=1 MHz, VGS=0
330
pF
Coss
Output Capacitance
90
pF
Crss
Reverse Transfer
Capacitance
40
pF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com