Electronic Components Datasheet Search
  English  ▼

X  

STEF512PUR Datasheet(PDF) 6 Page - STMicroelectronics

Part # STEF512PUR
Description  Dual electronic fuse (eFuse) for 5 V and 12 V rails
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEF512PUR Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STEF512PUR Datasheet HTML 2Page - STMicroelectronics STEF512PUR Datasheet HTML 3Page - STMicroelectronics STEF512PUR Datasheet HTML 4Page - STMicroelectronics STEF512PUR Datasheet HTML 5Page - STMicroelectronics STEF512PUR Datasheet HTML 6Page - STMicroelectronics STEF512PUR Datasheet HTML 7Page - STMicroelectronics STEF512PUR Datasheet HTML 8Page - STMicroelectronics STEF512PUR Datasheet HTML 9Page - STMicroelectronics STEF512PUR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
5
Electrical characteristics
TJ = 25 °C, VIN_5 = 5 V, VIN_12 = 12 V, EN = 0 V; CIN = 10 µF; COUT = 10 µF; unless otherwise specified.
Table 4. Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
5 V eFuse
VClamp_5
Output clamping voltage
VIN_5 = 8 V, IOUT = 5 mA
5.5
5.7
5.9
V
VUVLO_5
Undervoltage lockout
Turn-on, voltage rising
4.25
4.35
4.45
V
VHyst_5
UVLO hysteresis
Turn-off, voltage falling
1.78
V
RDSon_5
On-resistance
TJ = 25 °C
36
mΩ
TJ = 125 °C
50
IL_5
Off state leakage current
VEN = 5 V, VOUT_5 = GND
1
5
µA
ID5
Maximum continuous current
TA = 25 °C
2.5
A
IShort_5
Short-circuit current limit
0.6
1
1.4
A
ILim_5
Overload current limit
2.5
3
3.3
A
dV/dt_5
Output voltage ramp time
From 10 % to 90 % of VOUT
Cdv/dt = 100 nF
11
13
15
ms
AI_5
Current monitor output current
gain, IMON_5 / IOUT_5
IOUT_5 > = 200 mA
27
30
33
µA/A
12 V eFuse
VClamp_12
Output clamping voltage
VIN_12 = 17 V, IOUT = 5 mA
14.5
15
15.5
V
VUVLO_12
Undervoltage lockout
Turn-on, voltage rising
9.4
9.7
10
V
VHyst_12
UVLO hysteresis (12 V rail)
Turn-off, voltage falling
2
V
RDSon_12
On-resistance (12 V rail)
TJ = 25 °C
40
mΩ
TJ = 125 °C
70
IL_12
Off state leakage current
VEN = 5 V, VOUT_12 = GND
1
5
µA
ID12
Continuous current (1)(2)
TA = 25 °C
3.5
A
IShort_12
Short-circuit current limit
1.8
A
ILim_12
Overload current limit
3.6
4
4.5
A
dV/dt_12
Output voltage ramp time
From 10 % to 90 % of VOUT,
Cdv/dt = 100 nF
10
12
14
ms
AI_12
Current monitor output current
gain, IMON_12 / IOUT_12
IOUT_12 ≥ 200 mA
27
30
33
µA/A
Common features
VIL
Low level input voltage
Output enabled
0.7
V
VIH
High level input voltage
Output disabled
2.1
V
RP
Pull-down resistor
1000
kΩ
Iq
Quiescent current (excluding
EN current)
Device operating
250
1000
µA
STEF512PUR
Electrical characteristics
DS13182 - Rev 3
page 6/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com