Electronic Components Datasheet Search
  English  ▼

X  

STEF512PUR Datasheet(PDF) 20 Page - STMicroelectronics

Part # STEF512PUR
Description  Dual electronic fuse (eFuse) for 5 V and 12 V rails
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEF512PUR Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STEF512PUR Datasheet HTML 13Page - STMicroelectronics STEF512PUR Datasheet HTML 14Page - STMicroelectronics STEF512PUR Datasheet HTML 15Page - STMicroelectronics STEF512PUR Datasheet HTML 16Page - STMicroelectronics STEF512PUR Datasheet HTML 17Page - STMicroelectronics STEF512PUR Datasheet HTML 18Page - STMicroelectronics STEF512PUR Datasheet HTML 19Page - STMicroelectronics STEF512PUR Datasheet HTML 20Page - STMicroelectronics STEF512PUR Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
List of figures
Figure 1.
Block diagram (one channel) .......................................................... 2
Figure 2.
Pin connection (top view) ............................................................. 3
Figure 3.
Typical application diagram ........................................................... 4
Figure 4.
Current monitor simplified circuit ........................................................ 9
Figure 5.
Start-up no load from VCC ........................................................... 10
Figure 6.
Out5 start-up with 2 A load ........................................................... 10
Figure 7.
Out12 start-up with 2 A ............................................................. 10
Figure 8.
Start-up by EN, no load ............................................................. 10
Figure 9.
Start_up by En @ 2 A load ........................................................... 11
Figure 10.
Out5 current limit and short .......................................................... 11
Figure 11.
Out12 current limit and short ......................................................... 11
Figure 12.
Out5 UVLO rising ................................................................. 11
Figure 13.
Out12 UVLO rising ................................................................ 11
Figure 14.
Out5 start-up vs. CSS .............................................................. 11
Figure 15.
Out12 start-up vs. CSS.............................................................. 12
Figure 16.
Out5 voltage clamp ................................................................ 12
Figure 17.
Out12 voltage clamp ............................................................... 12
Figure 18.
Imon5 gain...................................................................... 12
Figure 19.
Imon12 Gain .................................................................... 12
Figure 20.
5 V channel Ilim vs. temperature ....................................................... 12
Figure 21.
12 V channel Ilim vs. temperature ...................................................... 13
Figure 22.
5 V channel RDS_ON vs. temperature.................................................... 13
Figure 23.
12 V channel RDS_ON vs. temperature ................................................... 13
Figure 24.
QFN10 (2 x 3 mm) package outline ..................................................... 14
Figure 25.
QFN10 (2 x 3 mm) recommended footprint................................................ 15
STEF512PUR
List of figures
DS13182 - Rev 3
page 20/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com