Electronic Components Datasheet Search
  English  ▼

X  

STF10NK60Z Datasheet(PDF) 1 Page - STMicroelectronics

Part # STF10NK60Z
Description  N-channel 600 V, 0.65 Ω, 10 A, SuperMESH™ Power MOSFET Zener-protected TO-220FP narrow leads
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF10NK60Z Datasheet(HTML) 1 Page - STMicroelectronics

  STF10NK60Z Datasheet HTML 1Page - STMicroelectronics STF10NK60Z Datasheet HTML 2Page - STMicroelectronics STF10NK60Z Datasheet HTML 3Page - STMicroelectronics STF10NK60Z Datasheet HTML 4Page - STMicroelectronics STF10NK60Z Datasheet HTML 5Page - STMicroelectronics STF10NK60Z Datasheet HTML 6Page - STMicroelectronics STF10NK60Z Datasheet HTML 7Page - STMicroelectronics STF10NK60Z Datasheet HTML 8Page - STMicroelectronics STF10NK60Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Custom data
This is a document intended for a specific customer. It must not be released without first contacting Division marketing.
November 2009
Doc ID 16548 Rev 1
1/13
13
STF10NK60Z(045Y)
N-channel 600 V, 0.65
Ω, 10 A, SuperMESH™ Power MOSFET
Zener-protected TO-220FP narrow leads
Features
■ Extremely high dv/dt capability
■ 100% avalanche tested
■ Gate charge minimized
■ Very good manufacturing reliability
Application
■ Switching applications
Description
The SuperMESH™ series is obtained through an
extreme optimization of ST’s well established
strip-based PowerMESH™ layout. In addition to
pushing on-resistance significantly down, special
care is taken to ensure a very good dv/dt
capability for the most demanding applications.
Figure 1.
Internal schematic diagram
Type
VDSS
RDS(on)
max
ID
Pw
STF10NK60Z(045Y)
600 V
< 0.75
Ω 10 A 35 W
TO-220FP narrow leads
1
2
3
Table 1.
Device summary
Order codes
Marking
Package
Packaging
STF10NK60Z(045Y)
10NK60Z
TO-220FP narrow leads
Tube
www.st.com


Similar Part No. - STF10NK60Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF10NK50Z STMICROELECTRONICS-STF10NK50Z Datasheet
505Kb / 12P
N-CHANNEL 500V - 0.55??- 9A TO-220 / TO-220FP Zener-Protected SuperMESH MOSFET
08-Sep-2005
STF10NK50Z STMICROELECTRONICS-STF10NK50Z Datasheet
525Kb / 13P
N-channel 500 V, 0.55 Ω, 9 A Zener-protected SuperMESH™ Power MOSFET in TO-220FP package
28-Mar-2012
STF10NK50Z STMICROELECTRONICS-STF10NK50Z_V01 Datasheet
525Kb / 13P
N-channel 500 V, 0.55 Ω, 9 A Zener-protected SuperMESH™ Power MOSFET in TO-220FP package
28-Mar-2012
More results

Similar Description - STF10NK60Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB6NK60Z_0711 STMICROELECTRONICS-STB6NK60Z_0711 Datasheet
444Kb / 17P
N-channel 600 V - 1 Ω - 6 A - TO-220/TO-220FP/D2PAK/I2PAK Zener-Protected SuperMESH??Power MOSFET
22-Nov-2007
STD4LNK60Z STMICROELECTRONICS-STD4LNK60Z Datasheet
200Kb / 11P
N-channel 600 V, 2.2 Ω, 3.3 A, TO-220FP, DPAK Zener-protected SuperMESH??Power MOSFET
24-Jul-2008
STB10NK60Z STMICROELECTRONICS-STB10NK60Z_08 Datasheet
860Kb / 19P
N-channel 650 V, 0.65 廓, 10 A, SuperMESH??Power MOSFET Zener-protected I2PAK, D2PAK, TO-220, TO-220FP, TO-247
17-Nov-2008
STB13NK60ZT4 STMICROELECTRONICS-STB13NK60ZT4 Datasheet
497Kb / 18P
N-channel 600 V, 0.48 Ω, 13 A, TO-220, TO-220FP, D2PAK TO-247 Zener-protected SuperMESH??Power MOSFET
15-Apr-2009
STF16NK60Z STMICROELECTRONICS-STF16NK60Z Datasheet
751Kb / 15P
N-channel 600 V, 038 Ω, 14 A, TO-220, TO-220FP, TO-247 Zener-protected SuperMESH™Power MOSFET
04-Dec-2009
STP13NK60ZT4 STMICROELECTRONICS-STP13NK60ZT4 Datasheet
495Kb / 18P
N-channel 600 V, 0.48, 13 A, TO-220, TO-220FP, D2PAK TO-247 Zener-protected SuperMESH Power MOSFET
15-Apr-2009
STFU10NK60Z STMICROELECTRONICS-STFU10NK60Z Datasheet
593Kb / 13P
N-channel 600 V, 0.68 Ω typ., 10 A, SuperMESH™ Power MOSFET in a TO-220FP ultra narrow leads package
December 2016 Rev 3
STFU26N60M2 STMICROELECTRONICS-STFU26N60M2 Datasheet
704Kb / 12P
N-channel 600 V, 0.14 Ω typ., 20 A MDmesh™ M2 Power MOSFET in TO-220FP ultra narrow leads package
27-Jul-2017
STF10NK50Z STMICROELECTRONICS-STF10NK50Z_V01 Datasheet
525Kb / 13P
N-channel 500 V, 0.55 Ω, 9 A Zener-protected SuperMESH™ Power MOSFET in TO-220FP package
28-Mar-2012
STP10NK80Z STMICROELECTRONICS-STP10NK80Z_V01 Datasheet
444Kb / 17P
N-channel 800 V, 0.78 Ω, 9 A Zener-protected SuperMESH™ Power MOSFETs in TO-220, TO-220FP and TO-247 packages
15-Mar-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com