Electronic Components Datasheet Search
  English  ▼

X  

2N7002 Datasheet(PDF) 3 Page - Pan Jit International Inc.

Part # 2N7002
Description  N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

2N7002 Datasheet(HTML) 3 Page - Pan Jit International Inc.

  2N7002 Datasheet HTML 1Page - Pan Jit International Inc. 2N7002 Datasheet HTML 2Page - Pan Jit International Inc. 2N7002 Datasheet HTML 3Page - Pan Jit International Inc. 2N7002 Datasheet HTML 4Page - Pan Jit International Inc. 2N7002 Datasheet HTML 5Page - Pan Jit International Inc. 2N7002 Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Part Number: 2N7002
PAGE 3
RATING and CHARACTERISTIC CURVES
02468
10
On-Resistance v.s Temperature
On-Region Characteristics
V , Drain-Source Coltage (V)
DS
On-Resistance v.s. Gate Voltage and Drain Current
Gate Threshold v.s. Temperature
Transfer Characteristics
01
2345
2.0
1.5
1.0
0.5
0
V
=10V
GS
9.0
8.0
7.0
6.0
5.0
4.0
3.0
I , Drain Current (A)
D
T , Junction Temperature ( C)
J
O
2.0
1.5
0.5
1.0
0
0.4
0.8
1.2
1.6
2.0
2.0
1.5
1.0
0.5
2.5
3.0
V
=4.0V
GS
-50
-25
0
25
50
75
100
125
150
V
=10V
I
GS
D
=500mA
I , Drain Current (A)
D
V
=10V
GS
4.5
6.0
7.0
5.0
8.0
9.0
10
T = 125 C
J
O
25 C
O
-55 C
O
0
0.4
0.8
1.2
1.6
2.0
On-Resistance v.s Drain
3.0
2.5
2.0
1.5
1.0
0.5
0
V
=10V
DS
0
0.4
0.8
1.2
1.6
2.0
T = -55 C
J
O
25 C
O
125 C
O
V
, Gate to Source Voltage (V)
GS
T , Junction Temperature ( C)
J
O
-50
-25
0
25
50
75
100
125
150
1.1
1.0
0.9
0.8
V=
I
DS
D
= 1mA
VGS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com