Electronic Components Datasheet Search
  English  ▼

X  

2N7002 Datasheet(PDF) 4 Page - Pan Jit International Inc.

Part # 2N7002
Description  N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

2N7002 Datasheet(HTML) 4 Page - Pan Jit International Inc.

  2N7002 Datasheet HTML 1Page - Pan Jit International Inc. 2N7002 Datasheet HTML 2Page - Pan Jit International Inc. 2N7002 Datasheet HTML 3Page - Pan Jit International Inc. 2N7002 Datasheet HTML 4Page - Pan Jit International Inc. 2N7002 Datasheet HTML 5Page - Pan Jit International Inc. 2N7002 Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Part Number: 2N7002
PAGE 4
RATING and CHARACTERISTIC CURVES
Capacitance Characteristics
Breakdown Voltage v.s. Temperature
Body Diode Forward Voltage v.s. Current and Temperature
Gate Charge Characteristics
1.10
1.05
1.00
0.95
0.925
-50
-25
0
25
50
75
100
125
150
T , Junction Temperature ( C)
J
O
ID =250 A
m
V=0V
GS
1
0.1
0.01
0.001
0.2
0.4
0.6
0.8
1.0
1.2
1.4
V
, Body Diode Forward Voltage (V)
SD
-55 C
O
T = 125 C
J
O
25 C
O
1
2
3
5
10
20
30
50
50
20
10
5
2
1
f=1MHz
V
=0V
GS
CISS
Coss
Crss
V
, Drain to Source Voltage (V)
DS
V
25V
DS =
ID = 500mA
115mA
280mA
10
8
6
4
2
0
0
0.1
0.8
1.2
1.6
2.0
Q , Gate Charge (nC)
g
Transient Thermal Respone Curve
Tt ,Time (sec)
0.0001
0.001
0.01
0.1
1
10
100
300
1
0.5
0.2
0.1
0.05
0.01
0.02
0.001
P(pk)
t1
t2
T- T= P
R JA
Duty Cycle, D =
JA
*q
(t)
t/ t
12
RJA
R JA = (See Datasheet)
q
q
(t)
(t)
=r
R JA
*q



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com