Electronic Components Datasheet Search
  English  ▼

X  

HMC470LP3 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC470LP3
Description  1 dB LSB GaAs MMIC 5-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 3.0 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC470LP3 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC470LP3 Datasheet HTML 1Page - Hittite Microwave Corporation HMC470LP3 Datasheet HTML 2Page - Hittite Microwave Corporation HMC470LP3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC470LP3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC470LP3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC470LP3 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
6
6 - 144
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Designer’s Kit
Available
HMC470LP3 / 470LP3E
1 dB LSB GaAs MMIC 5-BIT DIGITAL
POSITIVE CONTROL ATTENUATOR, DC - 3.0 GHz
v02.0605
Functional Diagram
Electrical Specifications,
T
A = +25° C, With Vdd = +5V & Vctl = 0/+5V (Unless Otherwise Noted)
The HMC470LP3 /HMC470LP3E is ideal for both RF
and IF applications:
• Cellular; UMTS/3G Infrastructure
• ISM, MMDS, WLAN, WiMAX
• Microwave Radio & VSAT
• Test Equipment and Sensors
1 dB LSB Steps to 31 dB
Single Control Line Per Bit
TTL/CMOS Compatible Control
+/- 0.3 dB Typical Step Error
Single +5V Supply
3 x 3 mm SMT Package
Included in the HMC-DK004 Designer’s Kit
The HMC470LP3 & HMC470LP3E are broadband
5-bit GaAs IC digital attenuators in low cost lead-
less surface mount packages. This single positive
control line per bit digital attenuator incorporates
off chip AC ground capacitors for near DC opera-
tion, making it suitable for a wide variety of RF
and IF applications. Covering DC to 3.0 GHz, the
insertion loss is less than 1.5 dB typical. The
attenuator bit values are 1 (LSB), 2, 4, 8, and 16 dB
for a total attenuation of 31 dB. Attenuation accuracy
is excellent at ± 0.3 dB typical step error with an IIP3
of +45 dBm. Five TTL/CMOS control inputs are used
to select each attenuation state. A single Vdd bias of
+5V is required.
Parameter
Frequency (GHz)
Min.
Typ.
Max.
Units
Insertion Loss
DC - 1.5 GHz
1.5 - 2.3 GHz
2.3 - 3.0 GHz
1.3
1.4
1.7
1.6
1.7
2.0
dB
dB
dB
Attenuation Range
DC - 3.0 GHz
31
dB
Return Loss (RF1 & RF2, All Atten. States)
DC - 3.0 GHz
17
dB
Attenuation Accuracy: (Referenced to Insertion Loss)
All Attenuation States
1.0 - 15.0 dB States
16.0 - 31.0 dB States
DC - 2.3 GHz
2.3 - 3.0 GHz
2.3 - 3.0 GHz
± (0.3 + 2% of Atten. Setting) Max.
± (0.3 + 3% of Atten. Setting) Max.
± (0.3 + 6% of Atten. Setting) Max.
dB
dB
dB
Input Power for 0.1 dB Compression
0.1 - 3.0 GHz
20
dBm
Input Third Order Intercept Point
(Two-Tone Input Power= 0 dBm Each Tone)
REF - 15 dB
States
16 - 31 dB States
0.1 - 3.0 GHz
45
35
dBm
dBm
Switching Characteristics
tRISE, tFALL (10/90% RF)
tON, tOFF (50% CTL to 10/90% RF)
DC - 3.0 GHz
160
180
ns
ns
Typical Applications
Features
General Description


Similar Part No. - HMC470LP3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC470LP3 HITTITE-HMC470LP3 Datasheet
269Kb / 6P
1 dB LSB GaAs MMIC 5-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 3 GHz
HMC470LP3E HITTITE-HMC470LP3E Datasheet
269Kb / 6P
1 dB LSB GaAs MMIC 5-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 3 GHz
HMC470LP3 HITTITE-HMC470LP3_08 Datasheet
269Kb / 6P
1 dB LSB GaAs MMIC 5-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 3 GHz
More results

Similar Description - HMC470LP3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC468LP3 HITTITE-HMC468LP3 Datasheet
206Kb / 6P
1 dB LSB GaAs MMIC 3-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 6.0 GHz
HMC472LP4 HITTITE-HMC472LP4 Datasheet
346Kb / 6P
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 3.0 GHz
HMC539LP3 HITTITE-HMC539LP3 Datasheet
353Kb / 6P
0.25 dB LSB GaAs MMIC 5-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 4.0 GHz
HMC110 HITTITE-HMC110_01 Datasheet
112Kb / 4P
1 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, DC - 10 GHz
HMC235QS16G HITTITE-HMC235QS16G_01 Datasheet
205Kb / 6P
1 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, DC - 4 GHz
HMC468LP3 HITTITE-HMC468LP3_08 Datasheet
225Kb / 6P
1 dB LSB GaAs MMIC 3-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 6 GHz
HMC470LP3 HITTITE-HMC470LP3_08 Datasheet
269Kb / 6P
1 dB LSB GaAs MMIC 5-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 3 GHz
HMC539LP3 HITTITE-HMC539LP3_08 Datasheet
240Kb / 6P
0.25 dB LSB GaAs MMIC 5-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 4 GHz
HMC540LP3 HITTITE-HMC540LP3_08 Datasheet
223Kb / 6P
1 dB LSB GaAs MMIC 4-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 5.5 GHz
logo
Analog Devices
HMC470ALP3 AD-HMC470ALP3 Datasheet
1Mb / 4P
1 dB LSB GaAs MMIC 5-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 3 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com