Electronic Components Datasheet Search
  English  ▼

X  

HMC470LP3 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC470LP3
Description  1 dB LSB GaAs MMIC 5-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 3.0 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC470LP3 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC470LP3 Datasheet HTML 1Page - Hittite Microwave Corporation HMC470LP3 Datasheet HTML 2Page - Hittite Microwave Corporation HMC470LP3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC470LP3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC470LP3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC470LP3 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
6
6 - 146
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Truth Table
Control Voltage
Bias Voltage & Current
Worst Case Step Error
Between Successive Attenuation States
Vdd = +5.0 Vdc ± 10%
Vdd
(VDC)
Idd (Typ.)
(mA)
+4.5
4.0
+5.0
4.2
+5.5
4.4
State
Bias Condition
Low
0 to +0.8V @ -5 uA Typ.
High
+2.0 to + 5.0 Vdc @ 40 uA Typ.
Note: Vdd = +5V
Control Voltage Input
Attenuation
State
RF1 - RF2
V1
16 dB
V2
8 dB
V3
4 dB
V4
2 dB
V5
1 dB
High
High
High
High
High
Reference
I.L.
High
High
High
High
Low
1 dB
High
High
High
Low
High
2 dB
High
High
Low
High
High
4 dB
High
Low
High
High
High
8 dB
Low
High
High
High
High
16 dB
Low
Low
Low
Low
Low
31 dB
Any combination of the above states will provide an attenuation
approximately equal to the sum of the bits selected.
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
0
0.5
1
1.5
2
2.5
3
3.5
4
FREQUENCY (GHz)
1 dB LSB GaAs MMIC 5-BIT DIGITAL
POSITIVE CONTROL ATTENUATOR, DC - 3.0 GHz
v02.0605
HMC470LP3 / 470LP3E



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com