Electronic Components Datasheet Search
  English  ▼

X  

STL100N3LLH7 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STL100N3LLH7
Description  N-channel 30 V, 0.0025 Ω, 25 A PowerFLAT™ (5x6) STripFET™ VII DeepGATE™ Power MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL100N3LLH7 Datasheet(HTML) 4 Page - STMicroelectronics

  STL100N3LLH7 Datasheet HTML 1Page - STMicroelectronics STL100N3LLH7 Datasheet HTML 2Page - STMicroelectronics STL100N3LLH7 Datasheet HTML 3Page - STMicroelectronics STL100N3LLH7 Datasheet HTML 4Page - STMicroelectronics STL100N3LLH7 Datasheet HTML 5Page - STMicroelectronics STL100N3LLH7 Datasheet HTML 6Page - STMicroelectronics STL100N3LLH7 Datasheet HTML 7Page - STMicroelectronics STL100N3LLH7 Datasheet HTML 8Page - STMicroelectronics STL100N3LLH7 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Electrical characteristics
STL100N3LLH7
4/9
Doc ID 17663 Rev 1
Table 8.
Source drain diode
Symbol
Parameter
Test conditions
Min
Typ.
Max
Unit
ISD
Source-drain current
-
-
25
A
ISDM
(1)
1.
Pulse width limited by safe operating area.
Source-drain current (pulsed)
-
-
100
A
VSD
(2)
2.
Pulsed: pulse duration=300µs, duty cycle 1.5%.
Forward on voltage
ISD = 25 A, VGS=0
-
-
1.1
V
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD = 12.5 A,
di/dt = 100 A/µs,
VDD=25 V
-
TBD
TBD
TBD
-
ns
nC
A



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com