Electronic Components Datasheet Search
  English  ▼

X  

STL12N10F7 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STL12N10F7
Description  N-channel 100 V, 11.3 mΩ typ., 12 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 3.3x3.3 package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL12N10F7 Datasheet(HTML) 3 Page - STMicroelectronics

  STL12N10F7 Datasheet HTML 1Page - STMicroelectronics STL12N10F7 Datasheet HTML 2Page - STMicroelectronics STL12N10F7 Datasheet HTML 3Page - STMicroelectronics STL12N10F7 Datasheet HTML 4Page - STMicroelectronics STL12N10F7 Datasheet HTML 5Page - STMicroelectronics STL12N10F7 Datasheet HTML 6Page - STMicroelectronics STL12N10F7 Datasheet HTML 7Page - STMicroelectronics STL12N10F7 Datasheet HTML 8Page - STMicroelectronics STL12N10F7 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
2
Electrical characteristics
(TC = 25 °C unless otherwise specified)
Table 3. On-/off-states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown voltage
ID = 1 mA, VGS = 0 V
100
V
IDSS
Zero gate voltage drain current
VGS = 0 V, VDS = 100 V
1
µA
IGSS
Gate-body leakage current
VGS = 20 V, VDS = 0 V
100
nA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 250 μA
2.5
4.5
V
RDS(on)
Static drain-source on-resistance
VGS = 10 V, ID = 6 A
11.3
13.3
mΩ
Table 4. Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Input capacitance
VDS = 50 V, f = 1 MHz,
VGS = 0 V
-
1820
-
pF
Coss
Output capacitance
-
400
-
pF
Crss
Reverse transfer capacitance
-
30
-
pF
Qg
Total gate charge
VDD = 50 V, ID = 12 A,
VGS = 0 to 10 V
(see Figure 13. Test circuit for gate
charge behavior)
-
30
-
nC
Qgs
Gate-source charge
-
11.3
-
nC
Qgd
Gate-drain charge
-
6.4
-
nC
Table 5. Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time
VDD = 50 V, ID = 6 A,
RG = 4.7 Ω, VGS = 10 V
(see Figure 12. Test circuit for
resistive load switching times and
Figure 17. Switching time
waveform)
-
22.4
-
ns
tr
Rise time
-
8.7
-
ns
td(off)
Turn-off delay time
-
28.6
-
ns
tf
Fall time
-
8.9
-
ns
Table 6. Source-drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VSD (1)
Forward on voltage
ISD = 12 A, VGS = 0 V
-
1.2
V
trr
Reverse recovery time
ID = 12 A, di/dt = 100 A/µs
VDD = 80 V
(see Figure 14. Test circuit for
inductive load switching and diode
recovery times)
-
47.5
ns
Qrr
Reverse recovery charge
-
59.4
nC
IRRM
Reverse recovery current
-
2.5
A
1. Pulsed: pulse duration = 300 µs, duty cycle 1.5%
STL12N10F7
Electrical characteristics
DS12044 - Rev 2
page 3/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com