Electronic Components Datasheet Search
  English  ▼

X  

STL12N10F7 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STL12N10F7
Description  N-channel 100 V, 11.3 mΩ typ., 12 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 3.3x3.3 package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL12N10F7 Datasheet(HTML) 4 Page - STMicroelectronics

  STL12N10F7 Datasheet HTML 1Page - STMicroelectronics STL12N10F7 Datasheet HTML 2Page - STMicroelectronics STL12N10F7 Datasheet HTML 3Page - STMicroelectronics STL12N10F7 Datasheet HTML 4Page - STMicroelectronics STL12N10F7 Datasheet HTML 5Page - STMicroelectronics STL12N10F7 Datasheet HTML 6Page - STMicroelectronics STL12N10F7 Datasheet HTML 7Page - STMicroelectronics STL12N10F7 Datasheet HTML 8Page - STMicroelectronics STL12N10F7 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
2.1
Electrical characteristics (curves)
Figure 1. Safe operating area
GADG070620181209SOA
102
101
100
10-1
10-2
10-1
100
101
ID
(A)
VDS (V)
tp =100 µs
tp =1 ms
tp =10 ms
Operation in this area
is limited by RDS(on)
Single pulse,
TC = 25 °C, TJ = 150 °C
Figure 2. Thermal impedance
GADG070620181150ZTH
10 -1
10 -2
10 -5
10 -4
10 -3
10 -2
10 -1
K
tp (s)
δ = 0.5
δ = 0.2
δ = 0.1
δ = 0.05
δ = 0.02
δ = 0.01
Single pulse
Figure 3. Output characteristics
GADG070620181151OCH
50
40
30
20
10
0
0
2
4
6
8
ID
(A)
VDS (V)
VGS = 5 V
VGS = 6 V
VGS = 8, 9, 10 V
VGS = 7 V
Figure 4. Transfer characteristics
GADG070620181151TCH
6
5
4
3
2
1
0
0
2
4
6
ID
(A)
VGS (V)
VDS = 6 V
TJ = 25 °C
TJ = 150 °C
TJ = -55 °C
Figure 5. Gate charge vs gate-source voltage
GADG070620181152QVG
12
10
8
6
4
2
0
0
10
20
30
VGS
(V)
Qg (nC)
VDS = 50 V
ID = 12 A
Figure 6. Static drain-source on-resistance
GADG070620181152RID
11.40
11.36
11.32
11.28
11.24
11.2
11.16
0
2
4
6
8
10
ID (A)
VGS = 10 V
RDS(on)
(mΩ)
STL12N10F7
Electrical characteristics (curves)
DS12044 - Rev 2
page 4/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com