Electronic Components Datasheet Search
  English  ▼

X  

MAX3571 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX3571
Description  HI-IF Single-Chip Broadband Tuners
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3571 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX3571 Datasheet HTML 2Page - Maxim Integrated Products MAX3571 Datasheet HTML 3Page - Maxim Integrated Products MAX3571 Datasheet HTML 4Page - Maxim Integrated Products MAX3571 Datasheet HTML 5Page - Maxim Integrated Products MAX3571 Datasheet HTML 6Page - Maxim Integrated Products MAX3571 Datasheet HTML 7Page - Maxim Integrated Products MAX3571 Datasheet HTML 8Page - Maxim Integrated Products MAX3571 Datasheet HTML 9Page - Maxim Integrated Products MAX3571 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
HI-IF Single-Chip Broadband Tuners
6
_______________________________________________________________________________________
Typical Operating Characteristics
(MAX357_ EV kit, VCC = +5.0V, RBIAS = 5.9k
Ω, fRF = 860MHz, fIF = 44MHz (MAX3570/MAX3571), 36MHz (MAX3573), TA = +25°C,
unless otherwise noted.)
300
320
340
360
380
400
25
40
45
30
35
50
55
60
65
70
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
12dB ATTENTUATION
MAXIMUM GAIN
-20
0
-10
20
10
40
30
50
01.0
1.5
0.5
2.0
2.5
3.0
VOLTAGE GAIN
vs. RFVGA VOLTAGE
RFVGA VOLTAGE (V)
36
39
38
37
40
VOLTAGE GAIN
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
4.75
4.85
4.95
5.05
5.15
5.25
850MHz
50MHz
450MHz
VOLTAGE GAIN
vs. FREQUENCY (MAX GAIN)
FREQUENCY (MHz)
650
450
250
37
36
35
38
39
40
41
34
50
850
TA = +25
°C
TA = +70
°C
TA = +55
°C
VOLTAGE GAIN
vs. FREQUENCY (MAX -12dB)
FREQUENCY (MHz)
650
450
250
23
24
25
26
27
28
29
22
50
850
TA = +25
°C
TA = +70
°C
TA = +55
°C
7.0
8.0
7.5
9.0
8.5
9.5
10.0
50
450
250
650
850
NOISE FIGURE vs. FREQUENCY
FREQUENCY (MHz)
TA = +70
°C
TA = +25
°C
TA = +55
°C
NOISE FIGURE vs. VOLTAGE GAIN
VOLTAGE GAIN (dB)
37
35
33
31
10
12
14
16
18
20
8
29
39
TA = +70
°C
TA = +55
°C
TA = +25
°C
-150
-120
-130
-140
-110
-100
-90
-80
-70
-60
-50
100
10k
1k
100k
1M
10M
PHASE NOISE vs. OFFSET FREQUENCY
FREQUENCY (Hz)
-40
-30
-10
-20
0
10
IFOUT1 FREQUENCY RESPONSE
IF FREQUENCY (MHz)
050
100
150
MAX3570/MAX3571
MAX3573



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com