Electronic Components Datasheet Search
  English  ▼

X  

MM1007 Datasheet(PDF) 1 Page - Mitsumi Electronics, Corp.

Part # MM1007
Description  HBS-Compatible Driver and Receiver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MM1007 Datasheet(HTML) 1 Page - Mitsumi Electronics, Corp.

  MM1007 Datasheet HTML 1Page - Mitsumi Electronics, Corp. MM1007 Datasheet HTML 2Page - Mitsumi Electronics, Corp. MM1007 Datasheet HTML 3Page - Mitsumi Electronics, Corp. MM1007 Datasheet HTML 4Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MITSUMI
HBS-Compatible Driver and Receiver MM1007
HBS-Compatible Driver and Receiver
Monolithic IC MM1007
This IC conforms to the HBS (Home Bus) specification (Electronic Industries Association of Japan), and has
functions for the reception and transmission of data. AMI is adopted for the waveforms of signals handled by
the transmission and reception units, designed for connection to twisted-pair lines. Telephone equipment,
security devices, audio or video equipment, air-conditioning equipment, and a wide range of other devices
can be connected to a bus line to enable mutual communications.
Features
1. Compact design
2. High reliability
3. Replaces pulse transformers
4. Low cost
5. Easy circuit design
6. Few external components
Applications
1. Telephony equipment
2. Security equipment
3. Audio and video devices
4. Air-conditioning equipment
5. Wide range of other equipment and devices
Package
DIP-16A (MM1007XD)
SOP-16A (MM1007XF)
Block Diagram
Outline


Similar Part No. - MM1007

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MM1001 ETC-MM1001 Datasheet
135Kb / 3P
Resistive humidity sensor/module
logo
Mitsumi Electronics, Co...
MM1002 MITSUMI-MM1002 Datasheet
104Kb / 6P
Video Amplifier
MM1002F MITSUMI-MM1002F Datasheet
104Kb / 6P
Video Amplifier
logo
Mitsubishi Electric Sem...
MM1006 MITSUBISHI-MM1006 Datasheet
116Kb / 4P
Monolithic IC MM1006
logo
MacMic
MM100F20B MACMIC-MM100F20B Datasheet
220Kb / 3P
200V 100A FRED
More results

Similar Description - MM1007

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75155 TI-SN75155 Datasheet
162Kb / 10P
LINE DRIVER AND RECEIVER
logo
Linear Technology
LTC491 LINER-LTC491 Datasheet
236Kb / 12P
Differential Driver and Receiver Pair
logo
Hirose Electric
CTB-MJ-88SR HIROSE-CTB-MJ-88SR Datasheet
1Mb / 6P
ISDN and HBS CONNECTORS
logo
Mitsumi Electronics, Co...
MM1034 MITSUMI-MM1034 Datasheet
189Kb / 6P
HBS-Compatible Driver and Receiver with Power Supply
logo
Texas Instruments
SN751701 TI-SN751701 Datasheet
237Kb / 14P
LINE DRIVER AND RECEIVER
logo
Mitsumi Electronics, Co...
MM1192 MITSUMI-MM1192 Datasheet
121Kb / 4P
HBS-Compatible Driver and Receiver
logo
Texas Instruments
SN751701PSRG4 TI-SN751701PSRG4 Datasheet
395Kb / 16P
LINE DRIVER AND RECEIVER
SN75155 TI1-SN75155_14 Datasheet
479Kb / 17P
LINE DRIVER AND RECEIVER
logo
XLSEMI
XL1192 XLSEMI-XL1192 Datasheet
706Kb / 11P
HBS-Compatible Driver and Receiver Monolithic IC
logo
Maxim Integrated Produc...
MAX22288 MAXIM-MAX22288_V01 Datasheet
693Kb / 18P
Home Bus System (HBS) Compatible Transceiver
19-101199; Rev 0; 7/21
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com