Electronic Components Datasheet Search
  English  ▼

X  

MM1007 Datasheet(PDF) 3 Page - Mitsumi Electronics, Corp.

Part # MM1007
Description  HBS-Compatible Driver and Receiver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MM1007 Datasheet(HTML) 3 Page - Mitsumi Electronics, Corp.

  MM1007 Datasheet HTML 1Page - Mitsumi Electronics, Corp. MM1007 Datasheet HTML 2Page - Mitsumi Electronics, Corp. MM1007 Datasheet HTML 3Page - Mitsumi Electronics, Corp. MM1007 Datasheet HTML 4Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MITSUMI
HBS-Compatible Driver and Receiver MM1007
Application Circuits
DATA IN A
DATA IN B
Transmission DATA OUT A
Transmission DATA OUT B
Reception DATA OUT
TR1, TR2
2SC2001
C1, C2
0.022µF
R1, R2
33k
Ω
C3, C4
10µf
DZ1, DZ2, DZ3, DZ4
VZ=5.6V
Circuit Diagram



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com