Electronic Components Datasheet Search
  English  ▼

X  

GMD Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # GMD
Description  5 X 20 mm FERRULE FUSES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GMD Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  GMD Datasheet HTML 1Page - List of Unclassifed Manufacturers GMD Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Form No. GMD
Page 2 of 2
BIF Doc #2019
12-18-98
SB98107
Rev. A
Current
Rated
Voltage
Pre-arcing
Rating
Voltage
Breaking
Drop
Value
(In)
(VAC)
Capacity
(mV) max.
(I2t) (A2s) typ.
125mA
1600
0.043
••
150mA
1200
0.046
••
160mA
1200
0.11
••
187mA
1100
0.20
••
200mA
1100
0.20
••
250mA
950
0.40
••
300mA
800
0.65
••
315mA
750
0.89
••
375mA
650
0.89
••
400mA
100A/250 VAC
600
1.2
••
500mA
10kA/125 VAC
550
1.4
••
600mA
250
p.f. = 0.7 - 0.8
450
3.1
••
630mA
450
3.1
••
750mA
410
4.7
••
800mA
380
6.6
••
1A
310
12
•
••
1.2A
280
16
••
1.25A
245
16
•
••
1.5A
240
25
•
••
1.6A
220
27
•
••
2A
200
42
•
••
2.5A
195
94
•
••
3A
190
145
•
••
4A
200A/250 VAC
190
300
•
10kA/125V, p.f. = 1
Electrical Characteristics



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com