Electronic Components Datasheet Search
  English  ▼

X  

GMD Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # GMD
Description  5 X 20 mm FERRULE FUSES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GMD Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  GMD Datasheet HTML 1Page - List of Unclassifed Manufacturers GMD Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Form No. GMD
Page 1 of 2
BIF Doc #2019
12-18-98
SB98107
Rev. A
CATALOG SYMBOL: GMD
TIME-DELAY
250 VOLTS AC
125mA - 3A UL LISTED, STD. 248-14
(GUIDE # JDYX, FILE E75865)
4A UL RECOGNIZED
(GUIDE # JDYX2, FILE E75865)
Limits for Pre-arcing Time
1.35 In
2.0 In
In
MAX
MAX
MIN
125mA - 4A
60 min.
5 sec.
2 min.
1.1 In: t
70
°C, 125mA - 3A.
1.0 In: t
70
°C, 4A.
20mm
( 0.5)
5.2mm
(+0.1/-0.2)
10mm
( 2.0)
38.10mm
( .38)
21.10mm
( .81)
.81mm
(REF)
38.10mm
( .38)
5.54mm
( .20)
Dimensional Data
CURRENT IN AMPERES
100
10
1
.1
.01
AMPERE
RATING
Glass tube - end caps: nickel
or silver-plated brass.
Time-Current Characteristic Curves
–Average Melt
Packaging & Ordering Information:
Product
Lead
Ampere
Symbol
Rating
Package Code
GMD
Blank (None)
V Axial Leads
.032 x 1.5
Copper Tinned
Markings: MFG mark, Rated Current, Rated Voltage, Product Symbol,
Approvals where Applicable.


Similar Part No. - GMD

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
GMD EATON-GMD Datasheet
2Mb / 2P
5 mm x 20 mm Time-delay glass tube fuses
logo
Cooper Bussmann, Inc.
GMD-1-R COOPER-GMD-1-R Datasheet
447Kb / 2P
5 x 20mm Fuses GMD Series,Time-Delay, Glass Tube
GMD-1-R COOPER-GMD-1-R Datasheet
447Kb / 2P
5 x 20mm Fuses
logo
Eaton All Rights Reserv...
GMD-1-R EATON-GMD-1-R Datasheet
2Mb / 2P
5 mm x 20 mm Time-delay glass tube fuses
logo
Cooper Bussmann, Inc.
GMD-1.2-R COOPER-GMD-1.2-R Datasheet
447Kb / 2P
5 x 20mm Fuses GMD Series,Time-Delay, Glass Tube
More results

Similar Description - GMD

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
GDC EATON-GDC Datasheet
521Kb / 3P
5 mm x 20 mm Time-delay glass tube fuses
GMD EATON-GMD Datasheet
2Mb / 2P
5 mm x 20 mm Time-delay glass tube fuses
GDA EATON-GDA Datasheet
321Kb / 2P
5 mm x 20 mm Fast-acting ceramic tube fuses
GDB EATON-GDB Datasheet
627Kb / 2P
5 mm x 20 mm Fast-acting glass tube fuses
GMA EATON-GMA Datasheet
439Kb / 2P
5 mm x 20 mm Fast-acting glass tube fuses
H15 EATON-H15 Datasheet
305Kb / 2P
PCB fuse holders for 5 mm x 20 mm fuses
S500 EATON-S500 Datasheet
252Kb / 2P
5 mm x 20 mm Fast-acting glass tube fuses
S501 EATON-S501 Datasheet
860Kb / 2P
5 mm x 20 mm Fast-acting ceramic tube fuses
S505 EATON-S505 Datasheet
510Kb / 4P
5 mm x 20 mm, Ferrule time-delay, ceramic tube fuses
S506 EATON-S506 Datasheet
489Kb / 2P
5 mm x 20 mm Time-delay glass tube fuses
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com