Electronic Components Datasheet Search
  English  ▼

X  

AP40T03GS Datasheet(PDF) 4 Page - Advanced Power Electronics Corp.

Part # AP40T03GS
Description  N-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP40T03GS Datasheet(HTML) 4 Page - Advanced Power Electronics Corp.

  AP40T03GS Datasheet HTML 1Page - Advanced Power Electronics Corp. AP40T03GS Datasheet HTML 2Page - Advanced Power Electronics Corp. AP40T03GS Datasheet HTML 3Page - Advanced Power Electronics Corp. AP40T03GS Datasheet HTML 4Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
Fig 11. Switching Time Waveform
Fig 12. Gate Charge Waveform
4/4
AP40T03GS/P
1
10
100
0.1
1
10
100
V DS ,Drain-to-Source Voltage (V)
T C =25
o C
Single Pulse
100us
1ms
10ms
100ms
DC
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
t , Pulse Width (s)
PDM
Duty Factor = t/T
Peak Tj = PDM x Rthjc + TC
t
T
0.02
0.01
0.05
0.1
0.2
Duty factor = 0.5
Single Pulse
0
3
6
9
12
036
9
12
Q G , Total Gate Charge (nC)
I D =18A
V DS =10V
V DS =15V
V DS =20V
10
100
1000
1
8
15
22
29
V DS ,Drain-to-Source Voltage (V)
f=1.0MHz
C iss
C oss
C rss
td(on) tr
td(off) t
f
VDS
VGS
10%
90%
Q
VG
4.5V
QGS
QGD
QG
Charge



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com