Electronic Components Datasheet Search
  English  ▼

X  

AP40T03GS Datasheet(PDF) 1 Page - Advanced Power Electronics Corp.

Part # AP40T03GS
Description  N-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP40T03GS Datasheet(HTML) 1 Page - Advanced Power Electronics Corp.

  AP40T03GS Datasheet HTML 1Page - Advanced Power Electronics Corp. AP40T03GS Datasheet HTML 2Page - Advanced Power Electronics Corp. AP40T03GS Datasheet HTML 3Page - Advanced Power Electronics Corp. AP40T03GS Datasheet HTML 4Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Advanced Power
N-CHANNEL ENHANCEMENT MODE
Electronics Corp.
POWER MOSFET
▼ Simple Drive Requirement
BVDSS
30V
▼ Low Gate Charge
RDS(ON)
25mΩ
▼ Fast Switching
ID
28A
▼ RoHS Compliant
Description
Absolute Maximum Ratings
Symbol
Units
VDS
V
VGS
V
ID@TA=25℃
A
ID@TA=100℃
A
IDM
A
PD@TA=25℃
W
W/℃
TSTG
℃
TJ
℃
Symbol
Value
Units
Rthj-c
Thermal Resistance Junction-case
Max.
4.0
℃/W
Rthj-a
Thermal Resistance Junction-ambient
Max.
62
℃/W
Data and specifications subject to change without notice
Thermal Data
Parameter
Storage Temperature Range
Total Power Dissipation
31.25
-55 to 150
Operating Junction Temperature Range
-55 to 150
Linear Derating Factor
0.25
Continuous Drain Current, VGS @ 10V
24
Pulsed Drain Current
1
95
Gate-Source Voltage
±25
Continuous Drain Current, VGS @ 10V
28
Parameter
Rating
Drain-Source Voltage
30
200331053-1/4
AP40T03GS/P
Pb Free Plating Product
G
D
S
The Advanced Power MOSFETs from APEC provide the
designer with the best combination of fast switching,
ruggedized device design, low on-resistance and cost-effectiveness.
The TO-252 package is universally preferred for all commercial-
industrial surface mount applications and suited for low voltage
applications such as DC/DC converters. The through-hole version
(AP40T03J) are available for low-profile applications.
G
D
S
The Advanced Power MOSFETs from APEC provide the
designer with the best combination of fast switching,
ruggedized device design, low on-resistance and cost-effectiveness.
The TO-263 package is universally preferred for all commercial-
industrial surface mount applications and suited for low voltage
applications such as DC/DC converters. The through-hole version
(AP40T03GP) are available for low-profile applications.
G D
S
TO-263(S)
G
D
S
TO-220(P)


Similar Part No. - AP40T03GS

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP40T03GS-HF A-POWER-AP40T03GS-HF Datasheet
66Kb / 5P
Fast Switching Characteristic
AP40T03GS-HF A-POWER-AP40T03GS-HF_14 Datasheet
102Kb / 4P
Simple Drive Requirement
AP40T03GS-HF A-POWER-AP40T03GS-HF_16 Datasheet
66Kb / 5P
Fast Switching Characteristic
More results

Similar Description - AP40T03GS

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2308E GTM-G2308E Datasheet
330Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE50L02 GTM-GE50L02 Datasheet
258Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE70N03 GTM-GE70N03 Datasheet
299Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com