Electronic Components Datasheet Search
  English  ▼

X  

CJP Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # CJP
Description  Aluminium Enclosed Resistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

CJP Datasheet(HTML) 2 Page - TE Connectivity Ltd

  CJP Datasheet HTML 1Page - TE Connectivity Ltd CJP Datasheet HTML 2Page - TE Connectivity Ltd CJP Datasheet HTML 3Page - TE Connectivity Ltd CJP Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Aluminium Enclosed Resistor
1773309-8 Rev B 06/2022
Dimensions in
millimetres unless
otherwise specified
Dimensions Shown for
reference purposes only.
Specifications subject to
change
For Email, phone or live chat,
go to: www.te.com/help
Characteristics
– Electrical (continued)
Type
CJP400
CJP500
CJP600
CJP800
CJP1000
Rated Power (free air) W
400
500
600
800
1000
Oh ic Value Mi . Ω
0.5
0.5
1.5
1.0
1.0
Oh ic Value Max. Ω
2.0K
2.0K
2.0K
2.0K
2.0K
Tolerance
5%
Temperature Coefficient
of Resistance (TCR)
±200PPM/°C Max.
Short Term Overload
60W
– 5 * Rated Power for 5 seconds
>60W 10 * Rated Power for 5 seconds
Limiting element voltage
600VAC / 850VDC
Dielectric Strength
2500VAC
Insulation resistance
MΩ min.
Operating Temperature
-25 ~ 250°C
Max. Surface temp at
rated power (free air)
350°C
380°C
405°C
425°C
450°C
Weight g.
840
1100
1100
1340
1340
Operating Voltage=
√
(P*R) or Max. operating voltage listed above, whichever is lower.
Derating Curve
Temperature Rise



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com