Electronic Components Datasheet Search
  English  ▼

X  

CJP Datasheet(PDF) 4 Page - TE Connectivity Ltd

Part # CJP
Description  Aluminium Enclosed Resistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

CJP Datasheet(HTML) 4 Page - TE Connectivity Ltd

  CJP Datasheet HTML 1Page - TE Connectivity Ltd CJP Datasheet HTML 2Page - TE Connectivity Ltd CJP Datasheet HTML 3Page - TE Connectivity Ltd CJP Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Aluminium Enclosed Resistor
1773309-8 Rev B 06/2022
Dimensions in
millimetres unless
otherwise specified
Dimensions Shown for
reference purposes only.
Specifications subject to
change
For Email, phone or live chat,
go to: www.te.com/help
Connection Cable
Termination Cables: UL Approved FEP cables for the terminations, based on the
resistor current rating (see chart below) With E5 ring terminals
Current Rating
Cable Size used
≤ A
16 AWG
> A & ≤ A
14 AWG
> A & ≤ A
12 AWG
Marking:
1
Company name or Logo
2
TE Series Number
3
Resistance Value
4
Tolerance
5
Date Code (YYWW)
Style of Marking
– Laser
How To Order
CJP
60
J
1R0
J
Common
Part
Power Rating
Tolerance
Resistance Value
Connection
CJP
–
Aluminium
Housed
Power
resistor
60
80
100
Etc.
60W
80W
100W
J - ±5%
Ω- 1R0
Ω- 10R
Ω - 100R
Ω KΩ - 1K0
J - Lead



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com