Electronic Components Datasheet Search
  English  ▼

X  

STP260N4F7 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP260N4F7
Description  N-channel 40 V, 1.8 mΩ typ., 120 A STripFET™ F7 Power MOSFET in a TO-220 package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP260N4F7 Datasheet(HTML) 1 Page - STMicroelectronics

  STP260N4F7 Datasheet HTML 1Page - STMicroelectronics STP260N4F7 Datasheet HTML 2Page - STMicroelectronics STP260N4F7 Datasheet HTML 3Page - STMicroelectronics STP260N4F7 Datasheet HTML 4Page - STMicroelectronics STP260N4F7 Datasheet HTML 5Page - STMicroelectronics STP260N4F7 Datasheet HTML 6Page - STMicroelectronics STP260N4F7 Datasheet HTML 7Page - STMicroelectronics STP260N4F7 Datasheet HTML 8Page - STMicroelectronics STP260N4F7 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
June 2016
DocID028290 Rev 2
1/13
This is information on a product in full production.
www.st.com
STP260N4F7
N-
channel 40 V, 1.8 mΩ typ., 120 A STripFET™ F7
Power MOSFET in a TO-220 package
Datasheet - production data
Figure 1: Internal schematic diagram
Features
Order code
VDS
RDS(on)max
ID
PTOT
STP260N4F7
40 V
2.2 mΩ
120 A
235 W
Features
Among the lowest RDS(on) on the market
Excellent FoM (figure of merit)
Low Crss/Ciss ratio for EMI immunity
High avalanche ruggedness
Applications
Switching applications
Description
This N-channel Power MOSFET utilizes
STripFET™ F7 technology with an enhanced
trench gate structure that results in very low on-
state resistance, while also reducing internal
capacitance and gate charge for faster and more
efficient switching.
Table 1: Device summary
Order code
Marking
Package
Packaging
STP260N4F7
260N4F7
TO-220
Tube
AM01475v1_Tab
D(2, TAB)
G(1)
S(3)


Similar Part No. - STP260N4F7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP260N6F6 STMICROELECTRONICS-STP260N6F6 Datasheet
756Kb / 14P
N-channel 60 V, 0.0024 Ω, 120 A STripFET™VI DeepGATE??Power MOSFET in TO-220 and I²PAK packages
13-Jan-2012
logo
Inchange Semiconductor ...
STP260N6F6 ISC-STP260N6F6 Datasheet
371Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STP260N4F7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF260N4F7 STMICROELECTRONICS-STF260N4F7 Datasheet
470Kb / 11P
N-channel 40 V, 1.95 mΩ typ., 90 A, STripFET™ F7 Power MOSFET in a TO-220FP package
13-Oct-2015
STL12N10F7 STMICROELECTRONICS-STL12N10F7 Datasheet
587Kb / 13P
N-channel 100 V, 11.3 mΩ typ., 12 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 3.3x3.3 package
14-Jun-2018
STL200N45LF7 STMICROELECTRONICS-STL200N45LF7 Datasheet
892Kb / 14P
N-channel 45 V, 1.4 mΩ typ., 120 A STripFET ™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
10-Jun-2016
STL260N4F7 STMICROELECTRONICS-STL260N4F7 Datasheet
850Kb / 16P
N-channel 40 V, 0.9 mΩ typ., 120 A, STripFET F7 Power MOSFET in a PowerFLAT 5x6 package
03-Apr-2019
STL285N4F7AG STMICROELECTRONICS-STL285N4F7AG Datasheet
942Kb / 15P
Automotive-grade N-channel 40 V, 0.9 mΩ typ., 120 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
09-Jun-2016
STL50N6F7 STMICROELECTRONICS-STL50N6F7 Datasheet
866Kb / 14P
N-channel 60 V, 9 mΩ typ., 60 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
12-Nov-2015
STP15810 STMICROELECTRONICS-STP15810 Datasheet
357Kb / 13P
N-channel 100 V, 0.0036 Ω typ., 110 A, STripFET™ F7 Power MOSFET in a TO-220 package
20-Aug-2014
STP160N4LF6 STMICROELECTRONICS-STP160N4LF6 Datasheet
817Kb / 14P
N-channel 40 V, 0.0021 mΩ typ., 120 A, STripFET™ VI DeepGATE™ Power MOSFET in a TO-220 package
24-Apr-2014
STP180N4F6 STMICROELECTRONICS-STP180N4F6 Datasheet
680Kb / 13P
N-channel 40 V, 2.1 mΩ typ., 120 A STripFET™ F6 Power MOSFET in a TO-220 package
11-Oct-2016
STL160N4F7 STMICROELECTRONICS-STL160N4F7 Datasheet
861Kb / 18P
N-channel 40 V, 2.1 mΩ typ., 120 A STripFET F7 Power MOSFET in a PowerFLAT 5x6 package
20-Nov-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com