Electronic Components Datasheet Search
  English  ▼

X  

STP4LN80K5 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP4LN80K5
Description  N-channel 800 V, 2.1 Ω typ.,3 A MDmesh™ K5 Power MOSFET in a TO-220 package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP4LN80K5 Datasheet(HTML) 1 Page - STMicroelectronics

  STP4LN80K5 Datasheet HTML 1Page - STMicroelectronics STP4LN80K5 Datasheet HTML 2Page - STMicroelectronics STP4LN80K5 Datasheet HTML 3Page - STMicroelectronics STP4LN80K5 Datasheet HTML 4Page - STMicroelectronics STP4LN80K5 Datasheet HTML 5Page - STMicroelectronics STP4LN80K5 Datasheet HTML 6Page - STMicroelectronics STP4LN80K5 Datasheet HTML 7Page - STMicroelectronics STP4LN80K5 Datasheet HTML 8Page - STMicroelectronics STP4LN80K5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
May 2016
DocID027818 Rev 2
1/13
This is information on a product in full production.
www.st.com
STP4LN80K5
N-
channel 800 V, 2.1 Ω typ.,3 A MDmesh™ K5
Power MOSFET in a TO-220 package
Datasheet - production data
Figure 1: Internal schematic diagram
Features
Order code
VDS
RDS(on) max.
ID
STP4LN80K5
800 V
2.6 Ω
3 A
Industry’s lowest RDS(on) * area
Industry’s best figure of merit (FoM)
Ultra low-gate charge
100% avalanche tested
Zener-protected
Applications
Switching applications
Description
This very high voltage N-channel Power
MOSFET is designed using MDmesh™ K5
technology based on an innovative proprietary
vertical structure. The result is a dramatic
reduction in on-resistance and ultra-low gate
charge for applications requiring superior power
density and high efficiency.
Table 1: Device summary
Order code
Marking
Package
Packing
STP4LN80K5
4LN80K5
TO-220
Tube


Similar Part No. - STP4LN80K5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP400N4F6 STMICROELECTRONICS-STP400N4F6 Datasheet
181Kb / 11P
N-channel 40 V, 120 A STripFET™ VI DeepGATE™ Power MOSFET in I²PAK and TO-220 packages
13-Aug-2012
logo
Inchange Semiconductor ...
STP400N4F6 ISC-STP400N4F6 Datasheet
372Kb / 2P
isc N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
STP40N03L VBSEMI-STP40N03L Datasheet
984Kb / 7P
N-Channel 30-V (D-S) MOSFET
logo
STMicroelectronics
STP40N03L-20 STMICROELECTRONICS-STP40N03L-20 Datasheet
65Kb / 7P
N - CHANNEL ENHANCEMENT MODE U"LTRA HIGH DENSITY” POWER MOS TRANSISTOR
Mar-1996
logo
VBsemi Electronics Co.,...
STP40N03L-20 VBSEMI-STP40N03L-20 Datasheet
984Kb / 7P
N-Channel 30-V (D-S) MOSFET
More results

Similar Description - STP4LN80K5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP10LN80K5 STMICROELECTRONICS-STP10LN80K5 Datasheet
741Kb / 14P
N-channel 800 V, 0.55 typ., 8 A MDmesh K5 Power MOSFET in a TO-220 package
14-Dec-2015
STD10LN80K5 STMICROELECTRONICS-STD10LN80K5 Datasheet
842Kb / 17P
N-channel 800 V, 0.55 Ω typ., 8 A MDmesh™ K5 Power MOSFET in a DPAK package
09-Mar-2016
STD4LN80K5 STMICROELECTRONICS-STD4LN80K5 Datasheet
814Kb / 15P
N-channel 800 V, 2.1 Ω typ., 3 A MDmesh™ K5 Power MOSFET in a DPAK package
18-May-2016
STD9N80K5 STMICROELECTRONICS-STD9N80K5 Datasheet
387Kb / 19P
N-channel 800 V, 0.73 Ω typ., 7 A MDmesh™ K5 Power MOSFET in a DPAK package
12-Nov-2018
STF17N80K5 STMICROELECTRONICS-STF17N80K5 Datasheet
636Kb / 13P
N-channel 800 V, 0.29 Ω typ., 14 A MDmesh™ K5 Power MOSFET in a TO-220FP package
20-Jan-2016
STF3LN80K5 STMICROELECTRONICS-STF3LN80K5 Datasheet
716Kb / 13P
N-channel 800 V, 2.75 Ω typ., 2 A MDmesh™ K5 Power MOSFET in a TO-220FP package
01-Jul-2016
STF4LN80K5 STMICROELECTRONICS-STF4LN80K5 Datasheet
719Kb / 13P
N-channel 800 V, 2.1 Ω typ., 3 A MDmesh™ K5 Power MOSFET in a TO-220FP package
18-May-2016
STP14N80K5 STMICROELECTRONICS-STP14N80K5 Datasheet
725Kb / 14P
N-channel 800 V, 0.400 Ω typ., 12 A MDmesh™ K5 Power MOSFET in a TO-220 package
04-Mar-2016
STP17N80K5 STMICROELECTRONICS-STP17N80K5 Datasheet
739Kb / 13P
N-channel 800 V, 0.29 Ω typ., 14 A MDmesh™ K5 Power MOSFET in a TO-220 package
19-May-2016
STW30N80K5 STMICROELECTRONICS-STW30N80K5 Datasheet
723Kb / 13P
N-channel 800 V, 0.15 Ω typ., 24 A, MDmesh™ K5 Power MOSFET in a TO-247 package
21-Mar-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com