Electronic Components Datasheet Search
  English  ▼

X  

STR485LV Datasheet(PDF) 11 Page - STMicroelectronics

Part # STR485LV
Description  3.3 V RS485 compatible with 1.8 V I/Os and selectable speed 20 Mbps or 250 kbps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR485LV Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STR485LV Datasheet HTML 7Page - STMicroelectronics STR485LV Datasheet HTML 8Page - STMicroelectronics STR485LV Datasheet HTML 9Page - STMicroelectronics STR485LV Datasheet HTML 10Page - STMicroelectronics STR485LV Datasheet HTML 11Page - STMicroelectronics STR485LV Datasheet HTML 12Page - STMicroelectronics STR485LV Datasheet HTML 13Page - STMicroelectronics STR485LV Datasheet HTML 14Page - STMicroelectronics STR485LV Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
5
Test circuits and typical characteristics
In the schematics below, CL includes fixture and instrumentation capacitance.
Figure 6. Driver differential output voltage with common-mode load
375 Ω ±1%
375 Ω ± 1%
60Ω ±1%
+
-
-7 V < VCM< 12 V
D
VL
A
B
VOD
Input generator rate is 100 kbps, 50% duty cycle, rise and fall times less than 6 ns.
Figure 7. Driver differential and common-mode output with RS-485 load
RL / 2
D
VL
A
B
VOD
RL / 2
CL
VOC
A
B
VOC(PP)
ΔVOC(SS)
STR485
Test circuits and typical characteristics
DS12713 - Rev 1
page 11/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com