Electronic Components Datasheet Search
  English  ▼

X  

STR485LV Datasheet(PDF) 23 Page - STMicroelectronics

Part # STR485LV
Description  3.3 V RS485 compatible with 1.8 V I/Os and selectable speed 20 Mbps or 250 kbps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR485LV Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STR485LV Datasheet HTML 16Page - STMicroelectronics STR485LV Datasheet HTML 17Page - STMicroelectronics STR485LV Datasheet HTML 18Page - STMicroelectronics STR485LV Datasheet HTML 19Page - STMicroelectronics STR485LV Datasheet HTML 20Page - STMicroelectronics STR485LV Datasheet HTML 21Page - STMicroelectronics STR485LV Datasheet HTML 22Page - STMicroelectronics STR485LV Datasheet HTML 23Page - STMicroelectronics STR485LV Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
List of figures
Figure 1.
Pin connections ................................................................... 2
Figure 2.
Typical application schematic .......................................................... 2
Figure 3.
Example of implementation in a PCB..................................................... 3
Figure 4.
Block diagram .................................................................... 4
Figure 5.
Example of typical application.......................................................... 5
Figure 6.
Driver differential output voltage with common-mode load ..................................... 11
Figure 7.
Driver differential and common-mode output with RS-485 load .................................. 11
Figure 8.
Driver differential output rise and fall times and propagation delays ............................... 12
Figure 9.
Driver enable and disable times with active high output and pull-down load ......................... 12
Figure 10.
Driver enable and disable times with active low output and pull-up load ............................ 12
Figure 11.
Receiver output rise and fall times and propagation delay ..................................... 13
Figure 12.
Receiver enable/disable times with driver enabled........................................... 13
Figure 13.
Receiver enable/disable times with driver disabled .......................................... 14
Figure 14.
Short-circuit output current measurement................................................. 14
Figure 15.
Driver ICC vs VCC supply driver ICC versus temperature 60 Ω load................................ 15
Figure 16.
Driver ICC vs temperature 60 Ω load .................................................... 15
Figure 17.
Driver output on 60 Ω load, clock @10 MHz 3V6pp .......................................... 15
Figure 18.
Driver output on 60 Ω load, speed selected @20 MHz 3V6pp ................................... 15
Figure 19.
Eye diagram 20 Mbps short line ....................................................... 15
Figure 20.
Equivalent input and output schematic diagrams ............................................ 16
Figure 21.
DFN10 package outline ............................................................. 18
Figure 22.
DFN10 recommended footprint ........................................................ 19
STR485
List of figures
DS12713 - Rev 1
page 23/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com