Electronic Components Datasheet Search
  English  ▼

X  

TCR3UG115B Datasheet(PDF) 14 Page - Toshiba Semiconductor

Part # TCR3UG115B
Description  Ultra low quiescent current, Fast Load Transient 300 mA CMOS Low Dropout Regulator in ultra small package
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCR3UG115B Datasheet(HTML) 14 Page - Toshiba Semiconductor

Back Button TCR3UG115B Datasheet HTML 10Page - Toshiba Semiconductor TCR3UG115B Datasheet HTML 11Page - Toshiba Semiconductor TCR3UG115B Datasheet HTML 12Page - Toshiba Semiconductor TCR3UG115B Datasheet HTML 13Page - Toshiba Semiconductor TCR3UG115B Datasheet HTML 14Page - Toshiba Semiconductor TCR3UG115B Datasheet HTML 15Page - Toshiba Semiconductor TCR3UG115B Datasheet HTML 16Page - Toshiba Semiconductor TCR3UG115B Datasheet HTML 17Page - Toshiba Semiconductor TCR3UG115B Datasheet HTML 18Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
TCR3UG series
2022-01-11
© 2018-2022
Toshiba Electronic Devices & Storage Corporation
14
12.6. Ripple Rejection Ratio vs. Frequency
0
10
20
30
40
50
60
70
80
90
100
10
100
1000
10000
100000
0
10
20
30
40
50
60
70
80
90
100
10
100
1000
10000
100000
0
10
20
30
40
50
60
70
80
90
100
10
100
1000
10000
100000
VOUT = 2.8V
Frequency
f
(Hz)
VOUT = 0.8V
Frequency
f
(Hz)
VOUT = 1.8V
Frequency
f
(Hz)
VIN = 2.5 V ,VIN ripple = 200 mVp−p
CIN = none, COUT = 1
μF
IOUT = 10 mA, Ta = 25°C
VIN = 2.8 V ,VIN ripple = 200 mVp−p
CIN = none, COUT = 1
μF
IOUT = 10 mA, Ta = 25°C
VIN = 3.8 V ,VIN ripple = 200 mVp−p
CIN = none, COUT = 1
μF
IOUT = 10 mA, Ta = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com